Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702BA Datasheet(PDF) 12 Page - AXElite technology co. ltd

Part # AX3702BA
Description  5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702BA Datasheet(HTML) 12 Page - AXElite technology co. ltd

Back Button AX3702BA Datasheet HTML 8Page - AXElite technology co. ltd AX3702BA Datasheet HTML 9Page - AXElite technology co. ltd AX3702BA Datasheet HTML 10Page - AXElite technology co. ltd AX3702BA Datasheet HTML 11Page - AXElite technology co. ltd AX3702BA Datasheet HTML 12Page - AXElite technology co. ltd AX3702BA Datasheet HTML 13Page - AXElite technology co. ltd AX3702BA Datasheet HTML 14Page - AXElite technology co. ltd AX3702BA Datasheet HTML 15Page - AXElite technology co. ltd AX3702BA Datasheet HTML 16Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.01, 2019
AX3703A
Output Capacitor Selection
An output capacitor is required to obtain a stable output voltage. To minimize the output voltage
ripple, ceramic capacitors should be used, and the ripple voltage can be estimated as:
If electrolytic or tantalum capacitors are used, the ESR will dominate the output voltage ripple:
PCB Layout Recommendation
The physical design of the PCB is the final stage in the design of power converter. If designed
improperly, the PCB could radiate excessive EMI and contribute instability to the power converter.
Therefore, following the PCB layout guidelines below can ensure better performance of AX3703A.
(1). The loop (Vin-SW-L-Cout-GND) indicates a high current path. The traces within the loop
should be kept as wide and short as possible to reduce parasitic inductance and
high-frequency loop area. It is also good for efficiency improvement.
(2). Input capacitor as close as possible to the IC Pins (Vin and GND) and the input loop area
should be as small as possible to reduce parasitic inductance, input voltage spike and noise
emission.
(3). Feedback components (R1, R2 and CFF) should be routed as far away from the inductor and
the SW Pin as possible to minimize noise and EMI issue.
AX3703A Application Schematic
VIN
EN
SW
FB
AX3703A
VIN
2.5V~5.5V
1uH
VOUT
1.2V
CIN
10uF
L
R1
200K
R2
200K
COUT
10uF
GND
EN
CFF
10pF
PG
PGOOD
C1
0.1uF
REN 100K
CEN
0.1uF
RPG 100K
EVB BOM List
Qty
Ref
Value
Description
Package
1
CIN
10µF
Ceramic Capacitor, 10V, X5R
0805
1
COUT
10µF
Ceramic Capacitor, 10V, X5R
0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com