Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3484ESA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3484ESA
Description  3A, 23V, 340kHz Synchronous Rectified Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3484ESA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3484ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.17, 2019
AX3484
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
AX3484
Packing
A : Taping
XX X
ES: SOP-8L-EP
Blank: Tube
Logo
Y
AX 3
Part number
ID code:internal
WW: 01~52
4 8 4
Y W WX
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Input Voltage
VIN
–0.3 to +24
V
Switch Node Voltage
VSW
-1V to VIN+0.3V
V
Boost Voltage
VBS
VSW – 0.3 to VSW + 6
V
All Other Pins
–0.3 to +6
V
Lead Temperature
260
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
TJ
150
°C
Output Voltage
VOUT
0.925 to 20
V
Ambient Operating Temperature
–40 to +85
°C
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
40
°C/W
Note: θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com