Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3484ESA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3484ESA
Description  3A, 23V, 340kHz Synchronous Rectified Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3484ESA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3484ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.17, 2019
AX3484
PIN ASSIGNMENT
The package of AX3484 is SOP-8L-EP; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
SOP-8L-EP
GND
BS
SW
GND
IN
COMP
EN
SS
FB
Name
Description
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel
MOSFET switch. Connect a 0.01μF or greater capacitor from SW to BS to power the
high side switch.
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter
switches. Drive IN with a 4.75V to 23V power source. Bypass IN to GND with a suitably
large capacitor to eliminate noise on the input to the IC. See Input Capacitor.
SW
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load. Note that a capacitor is required
from SW to BS to power the high-side switch.
GND Ground.
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage. The feedback threshold is 0.925V. See
Setting the Output Voltage.
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect
a series RC network from COMP to GND to compensate the regulation control loop. In
some cases, an additional capacitor from COMP to GND is required. See Compensation
Components.
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn
on the regulator, drive it low to turn it off. Pull up with 100kΩ resistor for automatic
startup.
SS
Soft-Start Control Input. SS controls the soft start period. Connect a capacitor from SS to
GND to set the soft-start period. A 0.1μF capacitor sets the soft-start period to 15ms. To
disable the soft-start feature, leave SS unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com