Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3484ESA Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX3484ESA
Description  3A, 23V, 340kHz Synchronous Rectified Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3484ESA Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX3484ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.17, 2019
AX3484
3A, 23V, 340kHz Synchronous Rectified
Step-Down Converter
GENERAL DESCRIPTION
The AX3484 is a monolithic synchronous buck regulator. The device integrates two
100mΩ MOSFETs, and provides 3A of continuous load current over a wide input voltage of
4.75V to 23V. Current mode control provides fast transient response and Cycle-by-Cycle
current limit.
An adjustable soft-start prevents inrush current at turn-on, and in shutdown mode the
supply current drops to 1μA.
This device, available in an 8-pin SOP with exposed pad package, provides a very
compact solution with minimal external components.
FEATURES
- 3A Output Current
- Wide 4.75V to 23V Operating Input Range
- Integrated 100mΩ Power MOSFET Switches
- Output adjust from VFB to 20V
- Up to 95% Efficiency
- Programmable Soft-Start
- Stable with Low ESR Ceramic Output Capacitors
- Fixed 350KHz Frequency
- Cycle-by-Cycle Over Current Protection
- Thermal shutdown and short circuit protections
- RoHS and Halogen free compliance.
BLOCK DIAGRAM
+
-
+
-
+
-
+
-
S
R
Q
Q
+
5
FB
SS
0.925V
EN
EN
1.5V
INTERNAL
REGULATORS
IN
5V
3
4
1
2 IN
5V
BS
SW
GND
M1
0.13Ω
M2
0.13Ω
RAMP
CLK
CURRENT
SENSE
AMPLIFIER
CURRENT
COMPARATOR
SHUTDOWN
COMPARATOR
6μA
ERROR
AMPLIFIER
8
OSCILLATOR
90/350KHz
7
6
COMP
+
-
0.3V
+
-
1.1V
OVP
IN<4.10V
+
-
LOCKOUT
COMPARATOR
2.7V
EN OK
1.2V
OVP


Similar Part No. - AX3484ESA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3482 AXELITE-AX3482 Datasheet
997Kb / 10P
2A, 23V, 350kHz Synchronous Rectified Step-Down Converter
Rev.1.5 Oct.17, 2019
AX3482S AXELITE-AX3482S Datasheet
997Kb / 10P
2A, 23V, 350kHz Synchronous Rectified Step-Down Converter
Rev.1.5 Oct.17, 2019
AX3482SA AXELITE-AX3482SA Datasheet
997Kb / 10P
2A, 23V, 350kHz Synchronous Rectified Step-Down Converter
Rev.1.5 Oct.17, 2019
More results

Similar Description - AX3484ESA

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1570 MPS-MP1570 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307_06 Datasheet
342Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Guangdong Kexin Industr...
MP1484 KEXIN-MP1484 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 KEXIN-MP2307 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2307 MPS-MP2307_08 Datasheet
449Kb / 12P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
5/28/2008 Rev. 1.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com