Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3484ESA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3484ESA
Description  3A, 23V, 340kHz Synchronous Rectified Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3484ESA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3484ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.17, 2019
AX3484
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA = +25°C, unless otherwise noted.)
Characteristics
Symbol
Conditions
Min Typ Max Units
Operating Voltage
VIN
4.75
-
23
V
Shutdown Supply Current
ISD
VEN = 0V
-
1
3.0
μA
Feedback Voltage
VFB
4.75V ≤ VIN ≤ 23V
0.900 0.925 0.950 V
High-Side Switch On Resistance
(Note)
RDS(ON)1
-
100
-
mΩ
Low-Side Switch On Resistance
(Note)
RDS(ON)2
-
100
-
mΩ
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
-
-
10
μA
Switch Current Limit
3.8
-
-
A
Oscillation Frequency
FOSC1
280 350 430 KHz
Short Circuit Oscillation Frequency
FOSC2 VFB = 0V
-
90
-
KHz
Maximum Duty Cycle
DMAX
VFB = 0.8V
-
90
-
%
EN Shutdown Threshold Voltage
ENH
VEN Rising
1.1
1.5
2.0
V
EN Shutdown Threshold Voltage
Hysterisis
-
210
-
mV
EN Lookout Threshold Voltage
2.4
2.7
3.0
V
EN Lookout Hysterisis
-
210
-
mV
Soft-Start Current
ISS
VSS = 0V
-
6
-
μA
Soft-Start Period
CSS = 0.1μF
-
15
-
ms
Thermal Shutdown
TSD
-
160
-
°C
Thermal Shutdown Hysterisis
TSH
-
35
-
°C
Note: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com