Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3484ESA Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX3484ESA
Description  3A, 23V, 340kHz Synchronous Rectified Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3484ESA Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX3484ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 10Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.17, 2019
AX3484
FUNCTION DESCRIPTIONS
The AX3484 is a synchronous rectified, current-mode, step-down regulator. It regulates
input voltages from 4.75V to 23V down to an output voltage as low as 0.925V, and supplies
up to 3A of load current.
The AX3484 uses current-mode control to regulate the output voltage. The output
voltage is measured at FB through a resistive voltage divider and amplified through the
internal Tran conductance error amplifier. The voltage at the COMP pin is compared to the
switch current measured internally to control the output voltage.
The converter uses internal N-Channel MOSFET switches to step-down the input
voltage to the regulated output voltage. Since the high side MOSFET requires a gate voltage
greater than the input voltage, a boost capacitor connected between SW and BS is needed to
drive the high side gate. The boost capacitor is charged from the internal 5V rail when SW is
low.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set using a resistive voltage divider from the output voltage to FB
pin. The voltage divider divides the output voltage down to the feedback voltage by the ratio:
VFB=VOUT ×
2
1
2
R
R
R
Where VFB is the feedback voltage and VOUT is the output voltage.
Thus the output voltage is:
VOUT=0.925 ×
2
2
1
R
R
R 
R2 can be as high as 100kΩ, but a typical value is 10kΩ. Using the typical value for R2, R1 is
determined by:
R1= 10.811 × (VOUT - 0.925) (kΩ)
For example, for a 3.3V output voltage, R2 is 10kΩ, and R1 is 25.7kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com