Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3484ESA Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3484ESA
Description  3A, 23V, 340kHz Synchronous Rectified Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3484ESA Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3484ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3484ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.17, 2019
AX3484
APPLICATION CIRCUIT
AX3484
IN
EN
SS
GND
BS
SW
FB
COMP
INPUT
C1
10μF/25V
R4
100kΩ
C5
10nF
L1
10uH
R1
25.7k
R2
10k
C2
10
μF/6.3V×2
OUTPUT
3.3V
3A
C3
3.3nF
R3
2.2k
C4
0.1μF
R5
100
VOUT=VFB × (
2
R
1
R
+
1
), VFB = 0.925V, R2 suggest 10k~30KΩ
Table Recommended Component Selection
VIN (V) VOUT (V) R1 (KΩ) R2 (KΩ) R3 (KΩ) C3 (nF) L1 (μH) COUT (μF)
12
5
44.1
10
2.2
3.3
15
10 X 2
5 or 12
3.3
25.7
10
2.2
3.3
10
10 X 2
5 or 12
1.8
9.5
10
2.2
3.3
4.7
10 X 2
5 or 12
1.2
3
10
2.2
3.3
3.3
10 X 2
5 or 12
1
0.81
10
2.2
3.3
2.2
10 X 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com