Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9633DP2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9633DP2 Datasheet HTML 1Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 2Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 3Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 4Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 5Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 6Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 7Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 8Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
PCA9633_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
2 of 42
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
2.
Features
I 4 LED drivers. Each output programmable at:
N Off
N On
N Programmable LED brightness
N Programmable group dimming/blinking mixed with individual LED brightness
I 1 MHz Fast-mode Plus I2C-bus interface with 30 mA high drive capability on SDA
output for driving high capacitive buses
I 256-step (8-bit) linear programmable brightness per LED output varying from fully off
(default) to maximum brightness using a 97 kHz PWM signal
I 256-step group brightness control allows general dimming (using a 190 Hz PWM
signal) from fully off to maximum brightness (default)
I 256-step group blinking with frequency programmable from 24 Hz to 10.73 s and
duty cycle from 0 % to 99.6 %
I Four totem-pole outputs (sink 25 mA and source 10 mA at 5 V) with software
programmable open-drain LED outputs selection (default at totem-pole). No input
function.
I Output state change programmable on the Acknowledge or the STOP Command to
update outputs byte-by-byte or all at the same time (default to ‘Change on STOP’).
I Active LOW Output Enable (OE) input pin. LED outputs programmable to ‘1’, ‘0’ or
‘high-impedance’ (default at power-up) when OE is HIGH, thus allowing hardware
blinking and dimming of the LEDs (16-pin version only).
I 2 hardware address pins (10-pin version) and 7 hardware address pins (16-pin
version) allow respectively up to 4 and 126 PCA9633 devices to be connected to the
same I2C-bus. No hardware address pins in the 8-pin version.
I 4 software programmable I2C-bus addresses (one LED Group Call address and three
LED Sub Call addresses) allow groups of devices to be addressed at the same time in
any combination (for example, one register used for ‘All Call’ so that all the PCA9633s
on the I2C-bus can be addressed at the same time and the second register used for
three different addresses so that 1
⁄
3 of all devices on the bus can be addressed at the
same time in a group). Software enable and disable for I2C-bus address.
I Software Reset feature (SWRST Call) allows the device to be reset through the
I2C-bus
I Up to 126 possible hardware adjustable individual I2C-bus addresses per device so
that each device can be programmed individually.
I 25 MHz internal oscillator requires no external components
I Internal power-on reset
I Noise filter on SDA/SCL inputs
I Edge rate control on outputs
I No glitch on power-up
I Supports hot insertion
I Low standby current
I Operating power supply voltage range of 2.3 V to 5.5 V
I 5.5 V tolerant inputs
I −40 °C to +85 °C operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com