Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9633DP2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9633DP2 Datasheet HTML 9Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 10Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 11Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 12Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 13Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 14Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 15Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 16Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
PCA9633_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
13 of 42
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
[1]
See Section 7.7 “Using the PCA9633 with and without external drivers” for more details.
[2]
Change of the outputs at the STOP command allows synchronizing outputs of more than one PCA9633. Applicable to registers from
02h (PWM0) to 08h (LEDOUT) only.
[3]
See Section 7.4 “Active LOW output enable input” for more details.
[4]
OUTNE[1:0] is only for PCA9633 16-pin version.
7.3.3 PWM registers 0 to 3, PWMx—Individual brightness control registers
A 97 kHz fixed frequency signal is used for each output. Duty cycle is controlled through
256 linear steps from 00h (0 % duty cycle = LED output off) to FFh
(99.6 % duty cycle = LED output at maximum brightness). Applicable to LED outputs
programmed with LDRx = 10 or 11 (LEDOUT register).
7.3.4 Group duty cycle control, GRPPWM
When DMBLNK bit (MODE2 register) is programmed with 0, a 190 Hz fixed frequency
signal is superimposed with the 97 kHz individual brightness control signal. GRPPWM is
then used as a global brightness control allowing the LED outputs to be dimmed with the
same value. The value in GRPFREQ is then a ‘Don’t care’.
General brightness for the 4 outputs is controlled through 256 linear steps from 00h
(0 % duty cycle = LED output off) to FFh (99.6 % duty cycle = maximum brightness).
Applicable to LED outputs programmed with LDRx = 11 (LEDOUT register).
1 to 0
OUTNE[1:0]
[3][4]
R/W
00
When OE = 1 (output drivers not enabled), LEDn = 0.
01*
When OE = 1 (output drivers not enabled):
LEDn = 1 when OUTDRV = 1
LEDn = high-impedance when OUTDRV = 0 (same as OUTNE[1:0] = 10)
10
When OE = 1 (output drivers not enabled), LEDn = high-impedance.
11
reserved
Table 9.
MODE2 - Mode register 2 (address 01h) bit description …continued
Legend: * default value.
Bit
Symbol
Access
Value
Description
Table 10.
PWM0 to PWM3 - PWM registers 0 to 3 (address 02h to 05h) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
02h
PWM0
7:0
IDC0[7:0]
R/W
0000 0000* PWM0 Individual Duty Cycle
03h
PWM1
7:0
IDC1[7:0]
R/W
0000 0000* PWM1 Individual Duty Cycle
04h
PWM2
7:0
IDC2[7:0]
R/W
0000 0000* PWM2 Individual Duty Cycle
05h
PWM3
7:0
IDC3[7:0]
R/W
0000 0000* PWM3 Individual Duty Cycle
duty cycle
IDC 7:0
[]
256
------------------------
=
Table 11.
GRPPWM - Group duty cycle control register (address 06h) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
06h
GRPPWM
7:0
GDC[7:0]
R/W
1111 1111
GRPPWM register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com