Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9633DP2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9633DP2 Datasheet HTML 1Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 2Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 3Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 4Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 5Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 6Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 7Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 8Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
PCA9633_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
3 of 42
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: SO, TSSOP (MSOP), HVQFN, HVSON
3.
Applications
I RGB or RGBA LED drivers
I LED status information
I LED displays
I LCD backlights
I Keypad backlights for cellular phones or handheld devices
4.
Ordering information
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9633D16
PCA9633
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
PCA9633DP1
9633
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCA9633DP2
9633
TSSOP10
plastic thin shrink small outline package; 10 leads;
body width 3 mm
SOT552-1
PCA9633PW
PCA9633
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCA9633BS
9633
HVQFN16
plastic thermal enhanced very thin quad flat package; no leads;
16 terminals; body 4
× 4 × 0.85 mm
SOT629-1
PCA9633TK
9633
HVSON8
plastic thermal enhanced very thin small outline package;
no leads; 8 terminals; body 3
× 3 × 0.85 mm
SOT908-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com