Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9633DP2 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA9633DP2 Datasheet HTML 11Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 12Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 13Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 14Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 15Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 16Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 17Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 18Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
PCA9633_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
15 of 42
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
7.3.7 I2C-bus subaddress 1 to 3, SUBADRx
Subaddresses are programmable through the I2C-bus. Default power-up values are E2h,
E4h, E8h, and the device(s) will not acknowledge these addresses right after power-up
(the corresponding SUBx bit in MODE1 register is equal to 0).
Once subaddresses have been programmed to their right values, SUBx bits need to be
set to 1 in order to have the device acknowledging these addresses (MODE1 register).
Only the 7 MSBs representing the I2C-bus subaddress are valid. The LSB in SUBADRx
register is a read-only bit (0).
When SUBx is set to 1, the corresponding I2C-bus subaddress can be used during either
an I2C-bus read or write sequence.
7.3.8 LED All Call I2C-bus address, ALLCALLADR
The LED All Call I2C-bus address allows all the PCA9633s in the bus to be programmed
at the same time (ALLCALL bit in register MODE1 must be equal to 1, power-up default
state). This address is programmable through the I2C-bus and can be used during either
an I2C-bus read or write sequence. The register address can be programmed as a
sub call.
Only the 7 MSBs representing the All Call I2C-bus address are valid. The LSB in
ALLCALLADR register is a Read-only bit (0).
If ALLCALL bit = 0, the device does not acknowledge the address programmed in register
ALLCALLADR.
Table 14.
SUBADR1 to SUBADR3 - I2C-bus subaddress registers 0 to 3 (address 09h to
0Bh) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
09h
SUBADR1
7:1
A1[7:1]
R/W
1110 001*
I2C-bus subaddress 1
0
A1[0]
R only
0*
reserved
0Ah
SUBADR2
7:1
A2[7:1]
R/W
1110 010*
I2C-bus subaddress 2
0
A2[0]
R only
0*
reserved
0Bh
SUBADR3
7:1
A3[7:1]
R/W
1110 100*
I2C-bus subaddress 3
0
A3[0]
R only
0*
reserved
Table 15.
ALLCALLADR - LED All Call I2C-bus address register (address 0Ch) bit
description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
0Ch
ALLCALLADR
7:1
AC[7:1]
R/W
1110 000*
ALLCALL I2C-bus
address register
0
AC[0]
R only
0*
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com