Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9633DP2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9633DP2 Datasheet HTML 3Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 4Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 5Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 6Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 7Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 8Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 9Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 10Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
PCA9633_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
7 of 42
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
[1]
HVQFN package die supply ground is connected to both the VSS pin and the exposed center pad. The VSS
pin must be connected to supply ground for proper device operation. For enhanced thermal, electrical, and
board-level performance, the exposed pad needs to be soldered to the board using a corresponding
thermal pad on the board, and for proper heat conduction through the board thermal vias need to be
incorporated in the PCB in the thermal pad region.
Table 4.
Pin description for SO16 and TSSOP16
Symbol
Pin
Type
Description
A0
1
I
address input 0
A1
2
I
address input 1
LED0
3
O
LED driver 0
LED1
4
O
LED driver 1
LED2
5
O
LED driver 2
LED3
6
O
LED driver 3
A2
7
I
address input 2
A3
8
I
address input 3
VSS
9
power supply
supply ground
OE
10
I
active LOW Output Enable
A4
11
I
address input 4
SCL
12
I
serial clock line
SDA
13
I/O
serial data line
A5
14
I
address input 5
A6
15
I
address input 6
VDD
16
power supply
supply voltage
Table 5.
Pin description for HVQFN16
Symbol
Pin
Type
Description
LED0
1
O
LED driver 0
LED1
2
O
LED driver 1
LED2
3
O
LED driver 2
LED3
4
O
LED driver 3
A2
5
I
address input 2
A3
6
I
address input 3
VSS[1]
7
power supply
supply ground
OE
8
I
active LOW Output Enable
A4
9
I
address input 4
SCL
10
I
serial clock line
SDA
11
I/O
serial data line
A5
12
I
address input 5
A6
13
I
address input 6
VDD
14
power supply
supply voltage
A0
15
I
address input 0
A1
16
I
address input 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com