Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9633DP2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9633DP2 Datasheet HTML 2Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 3Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 4Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 5Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 6Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 7Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 8Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 9Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
PCA9633_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
6 of 42
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
6.2 Pin description
Table 2.
Pin description for TSSOP8 and HVSON8
Symbol
Pin
Type
Description
LED0
1
O
LED driver 0
LED1
2
O
LED driver 1
LED2
3
O
LED driver 2
LED3
4
O
LED driver 3
VSS
5
power supply
supply ground
SCL
6
I
serial clock line
SDA
7
I/O
serial data line
VDD
8
power supply
supply voltage
Table 3.
Pin description for TSSOP10
Symbol
Pin
Type
Description
LED0
1
O
LED driver 0
LED1
2
O
LED driver 1
LED2
3
O
LED driver 2
LED3
4
O
LED driver 3
A0
5
I
address input 0
VSS
6
power supply
supply ground
A1
7
I
address input 1
SCL
8
I
serial clock line
SDA
9
I/O
serial data line
VDD
10
power supply
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com