Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 17Page - NXP Semiconductors S32Z2 Datasheet HTML 18Page - NXP Semiconductors S32Z2 Datasheet HTML 19Page - NXP Semiconductors S32Z2 Datasheet HTML 20Page - NXP Semiconductors S32Z2 Datasheet HTML 21Page - NXP Semiconductors S32Z2 Datasheet HTML 22Page - NXP Semiconductors S32Z2 Datasheet HTML 23Page - NXP Semiconductors S32Z2 Datasheet HTML 24Page - NXP Semiconductors S32Z2 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 155 page
background image
Table 8. Device Power and Operating Current Specifications...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
PDYN_R52_TYP
Cortex-R52 core
typical dynamic
power 2
—
0.8
—
W
VDD=0.825V, fsys_
R52 = 800MHz
—
PDYN_R52_TYP
Cortex-R52 core
typical dynamic
power 2
—
0.9
—
W
VDD=0.825V, fsys_
R52=900MHz
—
PDYN_R52_TYP
Cortex-R52 core
typical dynamic
power 2
—
1.0
—
W
VDD=0.825V, fsys_
R52=1GHz
—
PDYN_DDR_TYP
DDR PHY &
DRAM controller
core supply typical
dynamic power 3
—
0.1
—
W
LPDDR4,
VDD=0.825V, fsys_
DDR = 1600MHz
(1600MT/s), 60%
access rate of 1 x 16-
bit, (75% read, 25%
write), 1 rank, DBI on,
1/2 data lines switching
per read/write cycle,
60 Ohm transmit
termination, does not
include termination
current.
—
PDYN_LLCE_TYP FlexLLCE core
supply typical
dynamic power 4
—
0.2
—
W
VDD=0.825V, 400MHz —
IDD_LV_PLL_AUR VDD_LV_PLL_AUR
operating current
—
<10
—
mA
fPLL_VCO = 5GHz
—
IDD_HV_PLL_AUR VDD_HV_PLL_AUR
operating current
—
5
—
mA
fPLL_VCO =
5GHz, VDD_HV_PLL_
AUR=1.8V
—
IDD_HV_PLL_DDR VDD_HV_PLL_DDR
0 operating current
(DDR reference PLL
only)
—
2
—
mA
fPLL_DDR_REF =
1600MHz, 1.8V
—
IDD_HV_
LFASTPLL
VDD_HV_LFASTPL
L operating current
—
15.0
—
mA
per PLL, fPLL_VCO
= 640MHz, VDD_HV_
LFASTPLL=1.8V
—
IDD_VREF_DYN
ADC reference
dynamic current
consumption
—
25
50
uA
VREFH_ADC = 1.92V,
Typ at 25C and Max at
150C, per ADC, 1Msps
conversion rate
—
Table continues on the next page...
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
21 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com