Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 9Page - NXP Semiconductors S32Z2 Datasheet HTML 10Page - NXP Semiconductors S32Z2 Datasheet HTML 11Page - NXP Semiconductors S32Z2 Datasheet HTML 12Page - NXP Semiconductors S32Z2 Datasheet HTML 13Page - NXP Semiconductors S32Z2 Datasheet HTML 14Page - NXP Semiconductors S32Z2 Datasheet HTML 15Page - NXP Semiconductors S32Z2 Datasheet HTML 16Page - NXP Semiconductors S32Z2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 155 page
background image
VDD_IO*
VSS
tSIGNAL
Maximum
overshoot
Minimum
undershoot
Overshoot/undershoot period
VSS - 0.3V
VDD_IO*
(oper. condition) + 5%
(Minimum possible period on a particular pin
Figure 3. Soc-pin overshoot/undershoot voltage for each GPIO pad type
4.2 AE Absolute Maximum Ratings
This table defines the absolute maximum ratings for the AE device in terms of reliability characteristics. Absolute maximum rating
specifications are stress ratings only, and functional operation is not guaranteed under these conditions. Functional operating
conditions are given in the AE Operating Conditions section of this document.
Note: Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. Stress beyond
the listed maxima may affect device reliability or cause permanent damage to the device.
Table 4. AE Absolute Maximum Ratings
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_HV_IO_D*
GPIO voltage
supply 1
-0.3
—
6.0
V
VDD_HV_IO_D1,
VDD_HV_IO_D2
—
VDD_HV_REG
1.2V regulator
supply voltage 2
-0.3
—
4.5
V
—
—
VDD33
3.3V voltage supply
(POR, LVD/HVD,
flash) 2
-0.3
—
4.5
V
—
—
VDDA
ADC voltage
supply 2
-0.3
—
4.5
V
Reference to VSSA
—
VSSA
ADC ground supply
-0.3
—
0.3
V
Reference to VSS
—
SAR*_VRH
ADC reference high
voltage 1
-0.3
—
6.0
V
Reference to SAR*_
VRL
—
SAR*_VRH_IO
ADC reference high
voltage (shared IO
supply) 1
-0.3
—
6.0
V
Reference to SAR*_
VRL_IO
—
Table continues on the next page...
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
13 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com