Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 45Page - NXP Semiconductors S32Z2 Datasheet HTML 46Page - NXP Semiconductors S32Z2 Datasheet HTML 47Page - NXP Semiconductors S32Z2 Datasheet HTML 48Page - NXP Semiconductors S32Z2 Datasheet HTML 49Page - NXP Semiconductors S32Z2 Datasheet HTML 50Page - NXP Semiconductors S32Z2 Datasheet HTML 51Page - NXP Semiconductors S32Z2 Datasheet HTML 52Page - NXP Semiconductors S32Z2 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 155 page
background image
Table 19. Aurora Pads...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
at any point on
Tline )
RTERM_AURORA Internal termination
resistance
80
100
130
Ohm
enabled
—
VSLEW_AURORA Differential output
slew rate
—
30
50
ps /
200mV
max fAURORA
—
TSTARTUP_
AURORA
Transmitter startup
time (assertion of
ipp_obe to common
mode settling of
differential output)
—
—
500
ns
—
—
TEYE_AURORA
Valid data region
( Including PLL Jitter
for Aurora ) 5
0.55
—
—
UI
max fAURORA
—
VOH_AURORA
Transmitter output
high indicator 6
VDD_IO/
2 + 0.2
—
—
V
100Ω termination at
receiver end
—
VOL_AURORA
Transmitter output
low indicator 6
—
—
VDD_IO/
2 - 0.2
V
100Ω termination at
receiver end
—
PAD_P_BIAS
Pad_p voltage
output level when Tx
disabled
—
—
0.6
V
Ipp_obe_lv=0 Ipp_
term_en_lv=0
—
PAD_N_BIAS
Pad_n voltage
output level when Tx
disabled
1.1
—
—
V
Ipp_obe_lv=0 Ipp_
term_en_lv=0
—
1. When operating at max speed, there will be losses and differential output will be smaller as against DC condition. Aurora
Interface Min differential swing is 400mV which is always guaranteed but the max limit is dependent on board design/
losses. For boards with negligible losses , if differential output (P-N) goes higher than 800mV (Aurora max differential
input spec) , user must use “dual termination” scheme as highlighted in the Source Termination Circuit Figure to get the
differential swing back within Range. The termination in the source side can be enabled through software in the transmitter
pad design. Direct end termination without AC coupling is not allowed.
2. Termination scheme as shown in the End Termination Circuit Figure. Direct end termination without AC coupling is not
allowed.
3. Differential output is with pre-emphasis disabled, and a 10mA output stage current.
4. Differential output is with pre-emphasis enabled, and a ~15mA avg output stage current
5. UI @ 5Gbps equals 200ps. The valid eye is expected to be > 110ps in width. ISI jitter spec is 20-30ps for the LVDS
transmitter across PVT in a delay matched differential transmission line impedance of 100Ω.
6. VDD_IO maps to corresponding supply name on the device.
Termination scheme as shown in “End Termination Circuit” applies to debug tool hardware and is not recommended to be placed
on the PC.
Source termination Circuit – Transmitter side 100 ohm termination is present inside the Tx pad and should not be placed on
the PCB.
Direct 100 ohm board termination not allowed between AUR_TXn_N and AUR_TXn_N (n=0,1,2,3). Source termination is only
allowed through the internal termination inside LVDS Tx pad.
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
49 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com