Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 35Page - NXP Semiconductors S32Z2 Datasheet HTML 36Page - NXP Semiconductors S32Z2 Datasheet HTML 37Page - NXP Semiconductors S32Z2 Datasheet HTML 38Page - NXP Semiconductors S32Z2 Datasheet HTML 39Page - NXP Semiconductors S32Z2 Datasheet HTML 40Page - NXP Semiconductors S32Z2 Datasheet HTML 41Page - NXP Semiconductors S32Z2 Datasheet HTML 42Page - NXP Semiconductors S32Z2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 155 page
background image
No-Go area
Minimum data bit time opening =
0.55 * T (LFAST)
0.50 * T (MSC/DSP)
Data bit period T = 1/FDATA
Min. common mode input at RX
Signal excursions below this level NOT allowed
.
0.225 mV
0 V
TX common mode
Signal excursions above this level NOT allowed
Max. common mode input at RX
1.92 V
VDD_HV_IO_LFAST - 225mV
VDIFF_LVDS_TX (max)
VDIFF_LVDS_TX (min)
VCM_LVDS_RX
TEYE_LVDS
VCM_LVDS_TX
Figure 8. LFAST timing definition
180 mV/450 mV
VCM
0 V
P
pk-pk
N
Tx single-ended
Tx single-ended pk-pk (VDIFF_LVDS_TX) = 180 mV .... 450 mV
Tx differential pk-pk = 360 mV .... 900 mV
Tx differential (P - N)
-180 mV/-450 mV
90 mV/225 mV
-90 mV/-225 mV
pk-pk
Figure 9. VDIFF_LVDS_TX pk-pk in single ended and differential mode
10.3 Reset related pad electrical characteristics
The following table gives the characteristics of the POR_B and RESET_B pads.
Values not explicitly listed in this table can be found in the 'GPIO Pads’ section.
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
39 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com