Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 64Page - NXP Semiconductors S32Z2 Datasheet HTML 65Page - NXP Semiconductors S32Z2 Datasheet HTML 66Page - NXP Semiconductors S32Z2 Datasheet HTML 67Page - NXP Semiconductors S32Z2 Datasheet HTML 68Page - NXP Semiconductors S32Z2 Datasheet HTML 69Page - NXP Semiconductors S32Z2 Datasheet HTML 70Page - NXP Semiconductors S32Z2 Datasheet HTML 71Page - NXP Semiconductors S32Z2 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 155 page
background image
Table 27. PLL...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fPLL_DDR_PHI0
DDR PLL PHI0
Frequency 5,8
400
—
400
MHz
DDR_PLL_PHI0_CLK
(1600 MT/s)
—
fPLL_DDR_PHI0
DDR PLL PHI0
Frequency 5,8
405
—
405
MHz
DDR_PLL_PHI0_CLK
(1600 MT/s), FLASH
only, not applicable for
DRAM.
—
tLOCK
PLL Lock Time
—
—
100
us
—
—
PER_jitter
PLL Period
Jitter 9,10,11,12
-23
—
23
ps
fPLL_CLKIN = 40MHz,
fVCO = 2GHz, 6-
sigma, SSCG & Frac
mode disabled
—
LT_jitter
PLL Long Term
Jitter 9,10,13
-120
—
120
ps
Saturated, 6-sigma
—
fPLL_MOD
Spread Spectrum
Clock Modulation
Frequency
30
—
64
KHz
—
—
1. This refers to spec number 1 which is shown in the figure in Aurora port specifications
2. This specification is PLL input reference clock frequency after pre-divider.
3. Same min frequency value applies for center-spread SSCG enabled as provided for center-spread SSCG disabled.
4. The frequencies are the nominal frequencies (i.e., what the PLL's VCO is configured to).
5. The max frequency in case of center-spread SSCG enabled for a modulation depth can be calculated as: Max
frequency(with center-spread SSCG disabled) – (Modulation Depth(in %)/(2*100))* Max frequency (with center-spread
SSCG disabled). For details, see section “Frequency modulation programming” in reference manual.
6. Duty cycle of the PLL clock when output on an external pin is given in the I/O pad specifications.
7. Part numbers with a 10th character other than E have a lower maximum frequency at TJ = 150 °C or 125 °C (13th
character = M or V). See the "Ordering information" section.
8. The DDR PHY internally multiplies the PLL_DDR_PHI0 by factor of two.
9. Jitter is dependent on supply noise. Specified jitter values are valid for the FXOSC reference clock input only - not valid for
FIRC reference clock input.
10. Jitter value does not apply when a PLL clock is output on an external pin. In this case, the rise and fall time variations in
the I/O pad are orders of magnitude more than the PLL and SoC mux jitter contributions.
11. Jitter is dependent on the period of the PLL output clock, and the division ratio of the clock at the destination module.
12. For chip clocks that are further divided down from the PLL output clock, the jitter is multiplied by a factor of SQRT(N),
where N is the ratio of the PLL output clock and destination clock periods.
13. This specification is valid when all clock sources are stable.
14.1.3 DFS
The following table specifies the output frequency ranges and characteristics of the Digital Frequency Synthesizer (DFS).
Table 28. DFS
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fDFS_CLKIN
DFS Input Clock
Frequency
1300
—
2400
MHz
—
—
Table continues on the next page...
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
68 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com