Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 4 Page - NXP Semiconductors

  S32Z2 Datasheet HTML 1Page - NXP Semiconductors S32Z2 Datasheet HTML 2Page - NXP Semiconductors S32Z2 Datasheet HTML 3Page - NXP Semiconductors S32Z2 Datasheet HTML 4Page - NXP Semiconductors S32Z2 Datasheet HTML 5Page - NXP Semiconductors S32Z2 Datasheet HTML 6Page - NXP Semiconductors S32Z2 Datasheet HTML 7Page - NXP Semiconductors S32Z2 Datasheet HTML 8Page - NXP Semiconductors S32Z2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 155 page
background image
1.3 Feature summary
S32E2 and S32Z2 features include:
• Two core clusters, each of which:
— Has four Arm Cortex®-R52 cores operating in two lockstep pairs, offering ASIL D performance with more than
6 kDMIPS
— Can operate in non-lockstep, offering a total of up to 12 kDMIPS
• Arm Cortex-M33 system manager core operating in lockstep
• ISO 26262 ASIL D, including fail-operational modes, targeted throughout
• 25 GFLOPs math coprocessor and Arm Neon™ single instruction multiple data (SIMD) technology to execute advanced
control algorithms
• Hardware support for virtualization throughout the system, from core to pin, to enable multi-application integration with
freedom from interference
• Flash-memory options of 0, 16, 32, and 64 MB for S32E2 (all S32Z2 devices have 0 MB)
• Low-Power Double Data Rate flash-memory (LPDDR-F) interface supporting:
— LPDDR flash memory for larger code footprints
— LPDDR4 DRAM for temporary buffer storage
• Flexible low-latency communications engine (FlexLLCE), operating safely and securely with lockstep AES accelerator, to
support CAN communications
• Zero-downtime over-the-air (OTA) updates
• Multiple options for motor control and combustion engine management:
— GTM (optional for both S32E2 and S32Z2)
— FlexPWM (S32E2 only)
— eMIOS
Table 1. Feature summary
Feature
S32E2
S32Z2
Package: MAPBGA with
0.8 mm pitch
27 mm × 27 mm with 975 balls
21 mm × 21 mm with
594 balls
17 mm × 17 mm with
400 balls
Core complex
Cores
8 Arm Cortex-R52 processors arranged in 2 identical clusters
• Each cluster contains 4 cores organized as 2 lockstep pairs: 2 usable cores and 2
shadow cores.
• The 4 cores in each cluster can operate in a split-lock configuration, resulting in up to
8 usable cores.
Core operating frequency
800 MHz (nominal) up to 1 GHz
Core performance
• 8 non-lockstep cores: 13 kDMIPS (800 MHz), 16 kDMIPS (1 GHz)
• 2 lockstep core pairs and 4 non-lockstep cores: 10 kDMIPS (800 MHz), 12 kDMIPS
(1 GHz)
• 4 lockstep core pairs: 6.5 kDMIPS (800 MHz), 8 kDMIPS (1 GHz)
Table continues on the next page...
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
4 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com