Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 117 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 117 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 113Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 114Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 115Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 116Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 117Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 118Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 119Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 120Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 121Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 172 page
background image
Page 107
TMP86CS44UG
11. Synchronous Serial Interface (SIO)
The serial interfaces connect to an external device via SI, SO, and SCK pins.
When these pins are used as serial interface, the output latches for each port should be set to "1".
11.1 Configuration
Figure 11-1 Synchronous Serial Interface (SIO)
interrupt
Internal clock
input
To BUS
Shift register on transmitter
Shift register on receiver
(Serial data output)
Control circuit
Shift clock
Internal data bus
Port
(Note)
(Serial data output)
Port
(Note)
(Serial data input)
Port
(Note)
Note: Set the register of port correctly for the port assigned as serial interface pins.
For details, see the description of the input/output port control register.
MSB/LSB
selection
SO pin
SI pin
SIOTDB
SIORDB
SCK
pin
INTSIO
SIOCR1
SIOSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com