Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 120 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 120 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 116Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 117Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 118Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 119Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 120Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 121Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 122Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 123Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 124Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 172 page
background image
Page 110
11. Synchronous Serial Interface (SIO)
11.3 Function
TMP86CS44UG
11.3 Function
11.3.1 Serial clock
11.3.1.1 Clock source
The serial clock can be selected by using SIOCR1<SCK>. When the serial clock is changed, the writing
instruction to SIOCR1<SCK> should be executed while the transfer is stopped (when SIOSR<SIOF>
“0”)
(1) Internal clock
Setting the SIOCR1<SCK> to other than “111B” outputs the clock (shown in " Table 11-1 Serial
Clock Rate (fc = 16 MHz, fs = 32.768kHz) ") as serial clock outputs from SCK pin. At the before
beginning or finishing of a transfer, SCK pin is kept in high level.
When writing (in the transmit mode) or reading (in the receive mode) data can not follow the serial
clock rate, an automatic-wait function is executed to stop the serial clock automatically and hold the
next shift operation until reading or writing is completed (shown in " Figure 11-2 Automatic-wait
Function (Example of transmit mode) "). The maximum time from releasing the automatic-wait
function by reading or writing a data is 1 cycle of the selected serial clock until the serial clock comes
out from SCK pin.
Figure 11-2 Automatic-wait Function (Example of transmit mode)
Table 11-1 Serial Clock Rate (fc = 16 MHz, fs = 32.768kHz)
NORMAL1/2, IDLE1/2 Mode
SLOW1/2, SLEEP1/2 Mode
TBTCR<DV7CK> = "0"
TBTCR<DV7CK> = "1"
Serial Clock
Baud Rate
SCK
Serial Clock
Baud Rate
Serial Clock
Baud Rate
000
fc/212
3.906 kbps
fs/24
2048 bps
fs/24
2048 bps
001
fc/28
62.5 kbps
fc/28
62.5 kbps
Reserved
–
010
fc/27
125 kbps
fc/27
125 kbps
Reserved
–
011
fc/26
250 kbps
fc/26
250 kbps
Reserved
–
100
fc/25
500 kbps
fc/25
500 kbps
Reserved
–
101
fc/24
1.00 Mbps
fc/24
1.00 Mbps
Reserved
–
110
fc/23
2.00 Mbps
fc/23
2.00 Mbps
Reserved
AB
A0
Automatically wait
A1
B7 B6 B5 B4 B3
A2
A3
A4
A5
A6
A7
B2 B1 B0
SIOCR1<SIOS>
SO pin
SIOTDB
Automatic wait is released by writing SIOTDB
SCK
pin output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com