Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 124 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 124 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 120Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 121Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 122Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 123Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 124Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 125Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 126Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 127Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 128Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 172 page
background image
Page 114
11. Synchronous Serial Interface (SIO)
11.3 Function
TMP86CS44UG
(2) During the transmit operation
When data is written to SIOTDB, SIOSR<TXF> is cleared to “0”.
In internal clock operation, in case a next transmit data is not written to SIOTDB, the serial clock
stops to “H” level by an automatic-wait function when all of the bit set in the SIOTDB has been
transmitted. Automatic-wait function is released by writing a transmit data to SIOTDB. Then, trans-
mit operation is restarted after maximum 1-cycle of serial clock.
When the next data is written to the SIOTDB before termination of previous 8-bit data with
SIOSR<TXF> “1”, the next data is continuously transferred after transmission of previous data.
In external clock operation, after SIOSR<TXF> is set to “1”, the transmit data must be written to
SIOTDB before the shift operation of the next data begins.
If the transmit data is not written to SIOTDB, transmit error occurs immediately after shift opera-
tion is started. Then, INTSIO interrupt request is generated after SIOSR<TXERR> is set to “1”.
(3) Stopping the transmit operation
There are two ways for stopping transmits operation.
• The way of clearing SIOCR1<SIOS>.
When SIOCR1<SIOS> is cleared to “0”, transmit operation is stopped after all transfer of the
data is finished. When transmit operation is finished, SIOSR<SIOF> is cleared to “0” and
SO pin is kept in high level.
In external clock operation, SIOCR1<SIOS> must be cleared to “0” before SIOSR<SEF> is
set to “1” by beginning next transfer.
• The way of setting SIOCR1<SIOINH>.
Transmit operation is stopped immediately after SIOCR1<SIOINH> is set to “1”. In this
case, SIOCR1<SIOS>, SIOSR register, SIORDB register and SIOTDB register are initial-
ized.
Figure 11-6 Example of Internal Clock and MSB Transmit Mode
A6 A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1
C7
A7
B0
C6 C5 C4 C3 C2 C1 C0
A
B
C
Automatic wait
Start shift
operation
Start shift
operation
Start shift
operation
Writing transmit
data B
Writing transmit
data A
Writing transmit
data C
Clearing SIOS
SIOCR1<SIOS>
SIOSR<SIOF>
SIOSR<SEF>
SCK pin outout
SO pin
SIOSR<TXF>
SIOTDB
INTSIO
interrupt
request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com