Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 128 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 128 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 124Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 125Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 126Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 127Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 128Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 129Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 130Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 131Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 132Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 172 page
background image
Page 118
11. Synchronous Serial Interface (SIO)
11.3 Function
TMP86CS44UG
Figure 11-11 Example of External Clock and MSB Receive Mode
(4) Receive error processing
Receive errors occur on the following situation. To protect SIORDB and the shift register contents,
the received data is ignored while the SIOSR<RXERR> is “1”.
• Shift operation is finished before reading out received data from SIORDB at SIOSR<RXF>
is “1” in an external clock operation.
If receive error occurs, set the SIOCR1<SIOS> to “0” for reading the data that received
immediately before error occurence. And read the data from SIORDB. Data in shift register
(at errors occur) can be read by reading the SIORDB again.
When SIOSR<RXERR> is cleared to “0” after reading the received data, SIOSR<RXF> is
cleared to “0”.
After clearing SIOCR1<SIOS> to “0”, when 8-bit serial clock is input to SCK pin, receive
operation is stopped. To restart the receive operation, confirm that SIOSR<SIOF> is cleared
to “0”.
If the receive error occurs, set the SIOCR1<SIOINH> to “1” for stopping the receive opera-
tion immediately. In this case, SIOCR1<SIOS>, SIOSR register, SIORDB register and
SIOTDB register are initialized.
Writing transmit
data C
Writing transmit
data B
Writing transmit
data A
C
B
A7 A6
A
A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0 C7 C6 C5 C4 C3 C2 C1 C0
Start shift
operation
Start shift
operation
Start shift
operation
Clearing SIOS
Reading received data
SIOCR1<SIOS>
SIOSR<SIOF>
SIOSR<SEF>
SCK
pin
SI pin
SIOSR<RXF>
INTSIO
interrupt
request
SIORDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com