Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 132 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 132 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 128Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 129Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 130Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 131Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 132Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 133Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 134Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 135Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 136Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 172 page
background image
Page 122
11. Synchronous Serial Interface (SIO)
11.3 Function
TMP86CS44UG
Figure 11-14 Example of External Clock and MSB Transmit/Receive Mode
(4) Transmit/receive error processing
Transmit/receive errors occur on the following situation. Corrective action is different, which
errors occur transmits or receives.
(a) Transmit errors
Transmit errors occur on the following situation.
• Shift operation starts before writing next transmit data to SIOTDB in external clock op-
eration.
If transmit errors occur during transmit operation, SIOSR<TXERR> is set to “1” imme-
diately after starting shift operation. And INTSIO interrupt request is generated after all
of the 8-bit data has been received.
If shift operation starts before writing data to SIOTDB after SIOCR1<SIOS> is set to
“1”, SIOSR<TXERR> is set immediately after starting shift operation. And INTSIO in-
terrupt request is generated after all of the 8-bit data has been received.
SO pin is kept in high level when SIOSR<TXERR> is set to “1”. When transmit error
occurs, transmit operation must be forcibly stop by writing SIOCR1<SIOINH> to “1”
after the received data is read from SIORDB. In this case, SIOCR1<SIOS>, SIOSR reg-
ister, SIORDB register and SIOTDB register are initialized.
Writing transmit
data C
Writing transmit
data B
Writing transmit
data A
C
B
A7 A6
A
A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0 C7 C6 C5 C4 C3 C2 C1 C0
D7 D6 D5 D4 D3 D2 D1 D0 E7 E6 E5 E4 E3 E2 E1 E0 F7 F6 F5 F4 F3 F2 F1 F0
Start shift
operation
Start shift
operation
Start shift
operation
Clearing SIOS
Reading received data
Reading received
data F
Reading received
data E
Reading received
data D
F
E
D
Writing transmit data
SIOCR1<SIOS>
SIOSR<SIOF>
SIOSR<SEF>
SCK
pin output
SO pin
SI pin
INTSIO
interrupt
request
SIOSR<TXF>
SIOSR<RXF>
SIORDB
SIOTDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com