Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 133 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 133 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 129Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 130Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 131Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 132Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 133Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 134Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 135Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 136Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 137Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 172 page
background image
Page 123
TMP86CS44UG
Figure 11-15 Example of Transmit/Receive (Transmit) Error Processing
(b) Receive errors
Receive errors occur on the following situation. To protect SIORDB and the shift register
contents, the received data is ignored while the SIOSR<RXERR> is “1”.
• Shift operation is finished before reading out received data from SIORDB at
SIOSR<RXF> is “1” in an external clock operation.
If receive error occurs, set the SIOCR1<SIOS> to “0” for reading the data that received
immediately before error occurence. And read the data from SIORDB. Data in shift reg-
ister (at errors occur) can be read by reading the SIORDB again.
When SIOSR<RXERR> is cleared to “0” after reading the received data, SIOSR<RXF>
is cleared to “0”.
After clearing SIOCR1<SIOS> to “0”, when 8-bit serial clock is input to SCK pin, re-
ceive operation is stopped. To restart the receive operation, confirm that SIOSR<SIOF>
is cleared to “0”.
If the received error occurs, set the SIOCR1<SIOINH> to “1” for stopping the receive
operation immediately. In this case, SIOCR1<SIOS>, SIOSR register, SIORDB register
and SIOTDB register are initialized.
Writing transmit
data B
Writing transmit
data A
Unknown
B
A7 A6
A
A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0
D7 D6 D5 D4 D3 D2 D1 D0 E7 E6 E5 E4 E3 E2 E1 E0 F7 F6 F5 F4 F3 F2 F1 F0
Start shift
operation
Start shift
operation
Start shift
operation
Reading received
data F
Reading received
data E
Reading received
data D
F
E
D
SIOCR1<SIOS>
SIOSR<SIOF>
SIOSR<SEF>
SCK
pin output
SO pin
SI pin
INTSIO
interrupt
request
SIOSR<TXF>
SIOSR<RXF>
SIORDB
SIOTDB
SIOSR<TXERR>
SIOCR1<SIOINH>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com