Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST755C Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST755C
Description  Adjustable inverting negative output current mode PWM regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST755C Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST755C Datasheet HTML 2Page - STMicroelectronics ST755C Datasheet HTML 3Page - STMicroelectronics ST755C Datasheet HTML 4Page - STMicroelectronics ST755C Datasheet HTML 5Page - STMicroelectronics ST755C Datasheet HTML 6Page - STMicroelectronics ST755C Datasheet HTML 7Page - STMicroelectronics ST755C Datasheet HTML 8Page - STMicroelectronics ST755C Datasheet HTML 9Page - STMicroelectronics ST755C Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
ST755C
6/16
4
Electrical characteristics
Note:
Do not overload or short the Output to Ground. If the above conditions are observed, the
device may be damaged.
Table 5.
Electrical characteristics (Refer to the test circuits, VCC = 5V, VO = -5.25 to -4.75V,
ILOAD = 0mA, TA = TMIN to TMAX, unless otherwise specified. Typical value are referred at
TA = 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Input voltage
4
11
V
VO
Output voltage
VCC = 4.5 to 6.2V, IO =0 to 200mA
4.75
5
5.25
V
IO
Output current
VCC = 4.5 to 6.2V, TA = 0 to 70°C
200
275
mA
VCC = 4.5 to 6.2V, TA = -40 to 85°C
175
VCC = 4V, VO = -5V
175
VCC = 2.7V, VO = -5V
125
ISUPPLY
Supply current (including
switching current)
No Load, VSHDN = VCC
1.2
3.5
mA
IOFF
Standby current)
No Load, VSHDN = 0V
10
100
µA
ISC
Short circuit current)
1.2
A
ΔVO
Line regulation
VCC = 4 to 6.2V
0.1
%/V
ΔVO
Load regulation
IO = 0 to 200mA
0.003
%/mA
VREF
Reference voltage
TA = 25°C
1.18
1.25
1.32
V
ΔVREF Reference drift
TA = TMIN to TMAX
50
ppm/°C
RDSON LX on resistance
0.7
Ω
ILEAK
LX leakage current)
VDS = 10V
1
µA
ISH
Shutdown pin current)
1
µA
VIH
SHDN input high threshold
2
V
VIL
SHDN input low threshold
0.25
V
fOSC
Oscillator frequency
160
KHz
h
Power efficiency
IO =100mA
68
%
CC
Compensation pin
impedance
7.5
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com