Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST755C Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST755C
Description  Adjustable inverting negative output current mode PWM regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST755C Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST755C Datasheet HTML 4Page - STMicroelectronics ST755C Datasheet HTML 5Page - STMicroelectronics ST755C Datasheet HTML 6Page - STMicroelectronics ST755C Datasheet HTML 7Page - STMicroelectronics ST755C Datasheet HTML 8Page - STMicroelectronics ST755C Datasheet HTML 9Page - STMicroelectronics ST755C Datasheet HTML 10Page - STMicroelectronics ST755C Datasheet HTML 11Page - STMicroelectronics ST755C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Application circuit
ST755C
8/16
6
Application circuit
To achieve the best performances from switching power supply topology, particular care to
layout drawing is needed, in order to minimize EMI and obtain low noise, jitter free operation
moreover, it ensures the full device functionality. Layout design proposed on demoboard
(see Figure 4.) helps to lower the developing time. Wire lengths must be minimized, filter
and by-pass capacitors C1, C2 and C3 must be low ESR type, placed as close possible to
the integrated circuit. The 10µH inductor must be chosen built on a core, taking care that
saturation current should be higher than the peak LX switch current. See the Peak inductor
current vs. load current graph (Figure 6.).
(*) R1 and R2 can be omitted for IO<200mA.
(**) C6: Very low noise but poor transient and load response speed.
(***) C3 (alternative to C6): faster transient and load response.
Figure 3.
Typical application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com