Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST755C Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST755C
Description  Adjustable inverting negative output current mode PWM regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST755C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST755C Datasheet HTML 3Page - STMicroelectronics ST755C Datasheet HTML 4Page - STMicroelectronics ST755C Datasheet HTML 5Page - STMicroelectronics ST755C Datasheet HTML 6Page - STMicroelectronics ST755C Datasheet HTML 7Page - STMicroelectronics ST755C Datasheet HTML 8Page - STMicroelectronics ST755C Datasheet HTML 9Page - STMicroelectronics ST755C Datasheet HTML 10Page - STMicroelectronics ST755C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ST755C
Application information
7/16
5
Application information
The ST755 is an IC developed for voltage conversion from an input voltage ranging from
+2.4V to 11V to a regulated adjustable negative output limited by |VO| ≤12.7V - VI. The
circuit adopts a current-mode PWM control scheme to achieve good efficiency, high stability
and low noise performance. The figure in the first page shown the detailed block diagram of
the device.
ST755 is realized in a BCD technology in order to achieve high temperature stability, the
best REFERENCE precision, a very low quiescent current and jitter free operations. The
final stage is built around a 0.7
Ω - 2A P-Channel Power MOS. A fraction of the output
current is splitted out for current detection.Internal clock frequency is fixed to 160KHz. Error
amplifier drives the PWM comparator in order to keep 0V on the CC input. So R3 and R4
resistors are calculated by the following formulae R4 = (|VO|/VREF)*R3 (see Figure 3.). For
R3 can be choose any value between 2KΩ and 20KΩ. Soft-Start (SS) input is a voltage
dependent-output current limit (see Figure 11., Switch Current Limit vs. SS Input Voltage).
SS pin is internally pulled to VREF through a 1.2 MΩ resistor. Applying an appropriate
capacitor at SS input is possible to obtain a soft-start current imitation during power up.
Forcing Soft-Start (SS) input to a lower voltage through a resistive voltage driver (R1 and
R2), the maximum LX current limit can be lowered according the diagram showed in Figure
11. When SHDN input is low, the total current consumption is reduced to 10µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com