Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST755C Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST755C
Description  Adjustable inverting negative output current mode PWM regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST755C Datasheet(HTML) 1 Page - STMicroelectronics

  ST755C Datasheet HTML 1Page - STMicroelectronics ST755C Datasheet HTML 2Page - STMicroelectronics ST755C Datasheet HTML 3Page - STMicroelectronics ST755C Datasheet HTML 4Page - STMicroelectronics ST755C Datasheet HTML 5Page - STMicroelectronics ST755C Datasheet HTML 6Page - STMicroelectronics ST755C Datasheet HTML 7Page - STMicroelectronics ST755C Datasheet HTML 8Page - STMicroelectronics ST755C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2007
Rev. 5
1/16
16
ST755C
Adjustable inverting negative output
current mode PWM regulators
Features
2.7V to 11V input to adjustable negative output
conversion
1W guaranteed output power
(VI > 4.5V, TA 70°C)
68% typ. efficiency at 6V
Very low quiescent current: 1.2mA in on mode,
10µA in shut down mode
Soft start
Very low noise output
160KHz fixed frequency oscillator
Mixed bipolar-CMOS technology
Description
The ST755 is an adjustable inverting switch-mode
DC-DC regulator with internal Power MOSFET
that generators an adjustable negative output
from a voltage input of 2.7V to 11V, output current
guaranteed at 200mA (for VI > 4.5V, VO = -5V
and TA = 0°C to 70°C) and 275mA (typical value
at TA = 25°C, VO = -5V).
A logic controlled shut down pin that interfaces
directly with microprocessor reduces supply
current to only 10mA. Input to Output differential
voltage is limited to VI+|VO|<12.7V. No load
supply current is 1.2mA
SO-8
www.st.com
Table 1.
Device summary
Part number
Package
Packaging
ST755C
ST755CD-TR
SO-8 (tape & reel)


Similar Part No. - ST755C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST755CD STMICROELECTRONICS-ST755CD Datasheet
80Kb / 9P
ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
Sep-1998
ST755CD-TR STMICROELECTRONICS-ST755CD-TR Datasheet
80Kb / 9P
ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
Sep-1998
ST755CN STMICROELECTRONICS-ST755CN Datasheet
80Kb / 9P
ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
Sep-1998
More results

Similar Description - ST755C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST735 STMICROELECTRONICS-ST735 Datasheet
268Kb / 9P
-5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Aug-2002
ST735S STMICROELECTRONICS-ST735S Datasheet
338Kb / 11P
300kHz, -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Oct-2002
ST755 STMICROELECTRONICS-ST755 Datasheet
80Kb / 9P
ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
Sep-1998
logo
Maxim Integrated Produc...
MAX635 MAXIM-MAX635 Datasheet
373Kb / 8P
Preset/Adjustable Output CMOS Inverting Switching Regulators
Rev 0; 5/91
MAX735 MAXIM-MAX735 Datasheet
311Kb / 8P
-5V/Adjustable, Negative-Output,Inverting, Current-mode PWM Regulators
19-0017; Rev 1; 9/92
MAX736 MAXIM-MAX736 Datasheet
541Kb / 12P
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX750A MAXIM-MAX750A Datasheet
206Kb / 16P
Adjustable, Step-Down, Current-Mode PWM Regulators
Rev 0; 10/93
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
3-Terminal Adjustable Negative Regulators
logo
Maxim Integrated Produc...
MAX636ACPA MAXIM-MAX636ACPA Datasheet
377Kb / 8P
Preset/Adjustable Output CMOS Inverting Switching Regulators
Rev 0; 5/91
logo
Texas Instruments
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com