Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST755C Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST755C
Description  Adjustable inverting negative output current mode PWM regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST755C Datasheet(HTML) 5 Page - STMicroelectronics

  ST755C Datasheet HTML 1Page - STMicroelectronics ST755C Datasheet HTML 2Page - STMicroelectronics ST755C Datasheet HTML 3Page - STMicroelectronics ST755C Datasheet HTML 4Page - STMicroelectronics ST755C Datasheet HTML 5Page - STMicroelectronics ST755C Datasheet HTML 6Page - STMicroelectronics ST755C Datasheet HTML 7Page - STMicroelectronics ST755C Datasheet HTML 8Page - STMicroelectronics ST755C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ST755C
Maximum ratings
5/16
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC input voltage to GND (1)
1.
The input to output differential voltage is limited to VCC+|VO|<12.7V
-0.3 to 12
V
VSHDN
Shutdown voltage, SS Voltage, CC Voltage
-0.3 to (VCC + 0.3)
V
VLX
Switch voltage (LX to VCC)
-12.5 to + 0.3
V
VFB
Feedback voltage (VO to GND)
-11 to + 0.9
V
ILX
Peak switch current
2
A
PTOT
Continuous power dissipation at TA = 70°C (SO-8)
470
mW
Top
Operating junction temperature range (C series)
-40 to 185
°C
Tstg
Storage temperature range
-55 to +150
°C
Table 4.
Thermal data
Symbol
Parameter
SO-8
Unit
RthJA
Thermal resistance junction-ambient (1)
160
°C/W
1.
This value depends from thermal design of PCB on which the device is mounted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com