Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST755C Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST755C
Description  Adjustable inverting negative output current mode PWM regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST755C Datasheet(HTML) 4 Page - STMicroelectronics

  ST755C Datasheet HTML 1Page - STMicroelectronics ST755C Datasheet HTML 2Page - STMicroelectronics ST755C Datasheet HTML 3Page - STMicroelectronics ST755C Datasheet HTML 4Page - STMicroelectronics ST755C Datasheet HTML 5Page - STMicroelectronics ST755C Datasheet HTML 6Page - STMicroelectronics ST755C Datasheet HTML 7Page - STMicroelectronics ST755C Datasheet HTML 8Page - STMicroelectronics ST755C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin configuration
ST755C
4/16
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Pin N°
Symbol
Name and function
1
SHDN
SHUT-DOWN control (VCC = ON, GND = Shutdown)
2VREF
Reference output voltage: (1.25V)
3SS
Soft start
4
CC
Compensation input
5VO
Negative output voltage
6
GND
Ground
7
LX
Switch output
8VCC
Supply voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com