Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA538B Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA538B
Description  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA538B Datasheet HTML 7Page - STMicroelectronics STA538B Datasheet HTML 8Page - STMicroelectronics STA538B Datasheet HTML 9Page - STMicroelectronics STA538B Datasheet HTML 10Page - STMicroelectronics STA538B Datasheet HTML 11Page - STMicroelectronics STA538B Datasheet HTML 12Page - STMicroelectronics STA538B Datasheet HTML 13Page - STMicroelectronics STA538B Datasheet HTML 14Page - STMicroelectronics STA538B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
STA538
Connection diagrams and pin descriptions
11/59
7
VLO
Analog input
ADC Low reference voltage
40
FILT
Analog
input/output
PLL loop filter terminal
42
VDDPLL
Supply
PLL analog supply
41
GNDPLL
Ground
PLL analog ground
16
OUT1A
Analog output
Channel 1 half-bridge A output
19
OUT1B
Analog output
Channel 1 half-bridge B output
25
OUT2A
Analog output
Channel 2 half-bridge A output
22
OUT2B
Analog output
Channel 2 half-bridge B output
31
POWERFAULT/
EADP
Digital output
Power fault signal (active high)/external audio power
down signal
15
VCC1A
Supply
Channel 1 half-bridge A power supply
20
VCC1B
Supply
Channel 1 half-bridge B power supply
26
VCC2A
Supply
Channel 2 half-bridge A power supply
21
VCC2B
Supply
Channel 2 half-bridge B power supply
17
GND1A
Ground
Channel 1 half-bridge A power ground
18
GND1B
Ground
Channel 1 half-bridge B power ground
24
GND2A
Ground
Channel 2 half-bridge A power ground
23
GND2B
Ground
Channel 2 half-bridge B power ground
30
VCC33
Supply
Pre-driver supply
27
GND33
Ground
Pre-driver ground
13
VDD1
Supply
Digital supply
12
GND1
Ground
Digital ground
44
VDD2
Supply
Digital supply
43
GND2
Ground
Digital ground
29
VDDIO1
Supply
I/O ring supply
28
GNDIO1
Ground
I/O ring ground
50
VDDIO2
Supply
I/O ring supply
49
GNDIO2
Ground
I/O ring ground
Table 3.
Package: VFQFPN52 (continued)
Pin #
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com