Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA538B Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA538B
Description  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA538B Datasheet HTML 13Page - STMicroelectronics STA538B Datasheet HTML 14Page - STMicroelectronics STA538B Datasheet HTML 15Page - STMicroelectronics STA538B Datasheet HTML 16Page - STMicroelectronics STA538B Datasheet HTML 17Page - STMicroelectronics STA538B Datasheet HTML 18Page - STMicroelectronics STA538B Datasheet HTML 19Page - STMicroelectronics STA538B Datasheet HTML 20Page - STMicroelectronics STA538B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
STA538
Digital processing
17/59
4.3
Volume control and gain
The volume control structure of the STA538 consists of individual volume registers for each
channel and a master volume register that provides an offset to each channel’s volume
setting. The individual channel volumes are adjustable in 0.5 dB steps from +36 dB to
-91.5 dB. As an example, if register LVOL = 0x00 or +36 dB and register MVOL = 0x18 or
-12 dB, then the total gain for the left channel is +24 dB.
When the mute bit is set to 1, all channels are muted. The volume control provides a soft
mute with the volume ramping down to mute in 4096 samples from the maximum volume
setting at the internal processing rate (~48 kHz).
Table 12.
Master volume offset as a function of register MVOL
MVOL[7:0]
Volume offset from channel value
0x00
0 dB
0x01
-0.5 dB
0x02
-1dB
……
0x78
-60 dB
……
0xFE
-105 dB
0xFF
Hard master mute
Table 13.
Channel volume as a function of registers LVOL and RVOL
LVOL/RVOL[7:0]
Volume
0x00
+36 dB
0x01
+35.5 dB
0x02
+35 dB
……
0x47
+0.5 dB
0x48
0dB
0x49
-0.5 dB
……
……
0xFF
-91.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com