Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA538B Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA538B
Description  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA538B Datasheet HTML 19Page - STMicroelectronics STA538B Datasheet HTML 20Page - STMicroelectronics STA538B Datasheet HTML 21Page - STMicroelectronics STA538B Datasheet HTML 22Page - STMicroelectronics STA538B Datasheet HTML 23Page - STMicroelectronics STA538B Datasheet HTML 24Page - STMicroelectronics STA538B Datasheet HTML 25Page - STMicroelectronics STA538B Datasheet HTML 26Page - STMicroelectronics STA538B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
STA538
ADC
23/59
6
ADC
This section describes the analog-to-digital converter (ADC).
6.1
Functional description
The STA538 analog input is provided through a low power, low voltage, stereo audio analog-
to-digital converter front-end designed for audio applications. It includes a programmable
gain amplifier, anti-aliasing filter, low-noise microphone biasing circuit, a third-order
MASH2-1 delta-sigma modulator, digital decimating filter, and a first-order DC-removal filter.
This device is fabricated using a 0.18 µm CMOS process, where high-speed precision
analog circuits are combined with high-density logic circuits.
The ADC works in a microphone input (mic-in) mode and in a line-input mode.
If the line input mode is selected, the ADC is configured in stereo and all conversion
channels are active.
If the microphone input mode is selected, the ADC is configured in mono. The mono
channel is routed through the left conversion path, and the right conversion path is kept in
power-down mode to minimize power consumption. A programmable gain amplifier (PGA) is
available in mic-in mode, giving the possibility to amplify the signal from 0 to +42 dB in steps
of 6 dB.
6.1.1
Digital filter characteristics
The digital filter characteristics are shown in Table 15.
Table 15.
Digital filter characteristics
Parameter
Typical
Unit
Passband
0.4535 * Fs
kHz
Passband ripple:
Fs mode
Fs_by_2 mode
Fs_by_4 mode
0.08 at 44.1 kHz
0.08 at 22.05 kHz
0.08 at 11.025 kHz
dB
dB
dB
Stop band attenuation:
Fs mode
Fs_by_2 mode
Fs_by_4 mode
45 at 44.1 kHz
45 at 22.05 kHz
45 at 11.025 kHz
dB
dB
dB
Group delay:
Fs mode
Fs_by_2 mode
Fs_by_4 mode
0.4 at 32 kHz
0.7 at 16 kHz
1.4 at 8 kHz
ms
ms
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com