Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA538B Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA538B
Description  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538B Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA538B Datasheet HTML 32Page - STMicroelectronics STA538B Datasheet HTML 33Page - STMicroelectronics STA538B Datasheet HTML 34Page - STMicroelectronics STA538B Datasheet HTML 35Page - STMicroelectronics STA538B Datasheet HTML 36Page - STMicroelectronics STA538B Datasheet HTML 37Page - STMicroelectronics STA538B Datasheet HTML 38Page - STMicroelectronics STA538B Datasheet HTML 39Page - STMicroelectronics STA538B Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
Registers
STA538
36/59
10
Registers
This section includes register information.
10.1
Summary
Table 20.
Register summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
FFXCFG0
MUTE
POW_STBY
SOFT_
VOL_ON
BIN_SOFTS
TART
TIM_SOFT_VOL[3:0]
0x01
FFXCFG1
L1_R2
MUTE_ON_
INVALID
PWM_MODE[1:0]
PWM_SHIFT[1:0]
0x02
MVOL
SET_VOL_MASTER[7:0]
0x03
LVOL
SET_VOL_LEFT[7:0]
0x04
RVOL
SET_VOL_RIGHT[7:0]
0x05
TTF0
TIM_TS_FAULT[15:8]
0x06
TTF1
TIM_TS_FAULT[7:0]
0x07
TTP0
TIM_TS_POWUP[15:8]
0x08
TTP1
TIM_TS_POWUP[7:0]
0x0A
S2PCFG0
BICLK_
STRB
LRCLK_
LEFT
SHARE_
BILR
MSB_FIRST
DATA_FORMAT[2:0]
MASTER_
MODE
0x0B
S2PCFG1
PDATA_LENGTH[1:0]
BICLK_OS[1:0]
MAP_L[1:0]
MAP_R[1:0]
0x0C
P2SCFG0
BICLK_
STRB
LRCLK_
LEFT
SDATAO_
ACT
MSB_FIRST
DATA_FORMAT[2:0]
MASTER_
MODE
0x0D
P2SCFG1
PDATA_LENGTH[1:0]
BICLK_OS[1:0]
MAP_L[1:0]
MAP_R[1:0]
0x14
PLLCFG0
PLL_DIREC
T_PROG
FRAC_
CTRL
DITHER_DISABLE[1:0]
IDF[3:0]
0x15
PLLCFG1
FRAC_INPUT[15:8]
0x16
PLLCFG2
FRAC_INPUT[7:0]
0x17
PLLCFG3
STRB
STRB_BYP
ASS
NDIV[5:0]
0x18
PLLPFE
PLL_BYP_
UNL
BICLK2PLL
PLL_PWDN
PFE1A
PFE1B
PFE2A
PFE2B
RESET_FA
ULT
0x19
PLLST
PLL_UNLO
CK
PLL_PWD_
STATE
PLL_BYP_
STATE
0x1E
ADCCFG
PGA[2:0]
INSEL
STBY
BYPASS_
CALIB
CLKENBL
0x1F
CKOCFG
CLKOUT_
DIS
CLKOUT_SEL[1:0]
0x20
MISC
OSC_DIS
P2P_FS_RANGE[2:0]
ADC_FS_RANGE[1:0]
P2P_IN_
ADC
CORE_
CLKENBL
0x21
PADST0
Reserved
0x22
PADST1
Reserved
0x23
FFXST
INVALID_
INP_FBK
MUTE_
INT_FBK
BINSS_FBK
0x28
BISTRUN
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com