Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA538B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA538B
Description  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538B Datasheet(HTML) 1 Page - STMicroelectronics

  STA538B Datasheet HTML 1Page - STMicroelectronics STA538B Datasheet HTML 2Page - STMicroelectronics STA538B Datasheet HTML 3Page - STMicroelectronics STA538B Datasheet HTML 4Page - STMicroelectronics STA538B Datasheet HTML 5Page - STMicroelectronics STA538B Datasheet HTML 6Page - STMicroelectronics STA538B Datasheet HTML 7Page - STMicroelectronics STA538B Datasheet HTML 8Page - STMicroelectronics STA538B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
January 2007
Rev 1
1/59
1
STA538
2 x 1.3 W class-D amplifier with analog or digital input
2.0 multichannel digital audio processor with FFX
Features
■ Up to 96 dB dynamic range
■ Sample rates from 8 kHz to 192 kHz
■ FFXTM class-D driver
■ 1.5 V to 1.95 V digital power supply
■ 1.5 V to 3.6 V analog power supply
■ 18-bit audio processing and class-D FFXTM
modulator
■ Digital volume control:
– +36 dB to 105 dB in 0.5 dB steps
– Software volume update
■ Individual channel and master gain/attenuation
■ Automatic invalid input detect mute
■ 2-channel I2S input/output data interface
■ Digitally controlled POP-free operation
■ Input and output channel mapping
■ 250 m
Ω output CMOS Rdson
■ > 90% efficiency
■ 2 x 1.3 W (10% THD) on 4
Ω at 3.6 V
■ 2 x 0.7 W (10% THD) on 8
Ω at 3.3 V
■ Stereo headphone plus mono speaker
application:
– 50 mW stereo into 32
Ω headphone,
1.2 W mono into 4
Ω speaker at 3.3 V
– 100 mW stereo into 16
Ω headphone,
1.2 W mono into 4
Ω speaker at 3.3 V
Order codes
TFBGA48
VFQFPN52
Part number
Package
STA538B
TFBGA48 (tube)
STA538Q
VFQFPN52 (tube)
www.st.com


Similar Part No. - STA538B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA530 STMICROELECTRONICS-STA530 Datasheet
278Kb / 17P
4 X 50W STEREO BASH POWER AMPLIFIER
Jul-2003
STA533WF STMICROELECTRONICS-STA533WF Datasheet
258Kb / 15P
Multipower BCD technology
22-Jun-2011
STA533WF13TR STMICROELECTRONICS-STA533WF13TR Datasheet
258Kb / 15P
Multipower BCD technology
22-Jun-2011
STA533WF STMICROELECTRONICS-STA533WF_11 Datasheet
258Kb / 15P
18-volt, 3-amp, quad power half-bridge
22-Jun-2011
More results

Similar Description - STA538B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA304 STMICROELECTRONICS-STA304 Datasheet
335Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
rev. 2.1
STA308 STMICROELECTRONICS-STA308 Datasheet
258Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
Dec-2002
8169 STMICROELECTRONICS-8169 Datasheet
338Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
Mar-2002
STA529 STMICROELECTRONICS-STA529 Datasheet
84Kb / 4P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
18-Dec-2006
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
2.0 digital audio processor with FFX digital modulator and analog and digital inputs
12-Dec-2007
STA529 STMICROELECTRONICS-STA529_07 Datasheet
506Kb / 58P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
10-Jan-2007
STA309B STMICROELECTRONICS-STA309B Datasheet
722Kb / 66P
Multichannel digital audio processor with FFX짰
24-Jan-2012
STA529 STMICROELECTRONICS-STA529_12 Datasheet
515Kb / 57P
FFX??audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
30-Mar-2012
logo
Texas Instruments
TAS2505-Q1 TI1-TAS2505-Q1 Datasheet
663Kb / 35P
2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
Digital Input 2 W Class-D Audio Power Amplifier
7/12-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com