Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA538B Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA538B
Description  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538B Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA538B Datasheet HTML 30Page - STMicroelectronics STA538B Datasheet HTML 31Page - STMicroelectronics STA538B Datasheet HTML 32Page - STMicroelectronics STA538B Datasheet HTML 33Page - STMicroelectronics STA538B Datasheet HTML 34Page - STMicroelectronics STA538B Datasheet HTML 35Page - STMicroelectronics STA538B Datasheet HTML 36Page - STMicroelectronics STA538B Datasheet HTML 37Page - STMicroelectronics STA538B Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
I2C interface
STA538
34/59
9.6
Write operation
Following the start condition the master sends a device select code with the R/W bit set to 0.
The STA538 acknowledges this and the writes to the byte of the internal address. After
receiving the internal byte address, the STA538 responds with an acknowledgement.
9.6.1
Byte write
In the byte-write mode the master sends one data byte. This is acknowledged by the
STA538. The master then terminates the transfer by generating a stop condition.
9.6.2
Multi-byte write
The multi-byte write modes can start from any internal address. The master generates a
stop condition which terminates the transfer.
9.7
Read operation
9.7.1
Current address byte read
Following the start condition the master sends a device select code with the R/W bit set
to 1. The STA538 acknowledges this and then responds by sending one byte of data. The
master then terminates the transfer by generating a stop condition.
9.7.2
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA538. The master acknowledges each data
byte read and then generates a stop condition terminating the transfer.
9.7.3
Random address byte read
Following the start condition the master sends a device select code with the R/W bit set to 0.
The STA538 acknowledges this and then the master writes the internal address byte. After
receiving the internal byte address, the STA538 again responds with an acknowledgement.
The master then initiates another start condition and sends the device select code with the
R/W bit set to 1. The STA538 acknowledges this and then responds by sending one byte of
data. The master then terminates the transfer by generating a stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com