Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9WMB2AFK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC9WMB2AFK
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB2AFK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC9WMB2AFK Datasheet HTML 1Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 2Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 3Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 4Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 5Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TC9WMB1AFK/FU,TC9WMB2AFK/FU
2007-10-19
5
5. Write Operation
(1)
Byte write
A data is written to the specified address at a byte write operation. After a start condition, a device
address,
W
R/
(
= 0), a word address, and write data are received to the device.
When a stop condition is generated subsequently, write operation starts automatically, rewriting
the data at the specified address with the input data. A next instruction cannot be received while
write operation is in progress. Therefore, no acknowledge signal is returned. After writing the data,
the device automatically enters the standby state.
(2)
Page write
A Data is written up to 8 bytes to the specified page at a page write operation. After a start
condition, a device address,
W
R/
(
= 0), a word address (n), and write data (n) are received to the
device, in the same way as for a byte write operation. Then, write data (n
+ 1) is immediately received
without entering a stop condition, while checking that an acknowledge signal is asserted (0).
The first five bits (W3 to W7) of the word address are the same and the lower three bits (W0 to W2)
are automatically incremented so that up to 8 bytes of data can be written.
When the last address within the page is reached, the lower three bits (W0 to W2) of the word
address are rolled over to the first address of the page. If more than 8 bytes of write data are
transferred, the last 8 bytes are valid.
When a stop condition is generated subsequently, write operation starts automatically, rewriting
the data at the specified addresses with the input data.
Figure 5
SDA LINE
1 0 1 0
0
W
6
W
4
W
5
W
3
W
1
W
2
W
0
D
7
D
6
D
4
D
5
D
3
D
1
D
2
D
0
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
W
R
I
T
E
L
S
B
A
C
K
R
/
W
W
7
WORD
ADDRESS
A
C
K
A
C
K
WRITE
DATA
S
T
O
P
Address
increment
M
S
B
L
S
B
A
2
A
1
A
0
*: Optional for the TC9WMB1A.
*
Figure 6
*: Optional for the TC9WMB1A.
SDA LINE
1 0 1 0
0
W
6
W
4
W
5
W
3
W
1
W
2
W
0
D
7
D
6
D
4
D
5
D
3
D
1
D
2
D
0
D
7
D
6
D
4
D
5
D
3
D
1
D
2
D
0
D
4
D
5
D
3
D
1
D
2
D
0
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
W
R
I
T
E
L
S
B
A
C
K
R
/
W
W
7
WORD
ADDRESS (n)
A
C
K
WRITE
DATA (n)
WRITE
DATA (n
+ 1)
A
C
K
WRITE
DATA (n
+ m)
S
T
O
P
A
C
K
Address
increment
Address
increment
Address
increment
A
2
A
1
A
0
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com