Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9WMB2AFK Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC9WMB2AFK
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB2AFK Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC9WMB2AFK Datasheet HTML 2Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 3Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 4Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 5Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 9Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC9WMB1AFK/FU,TC9WMB2AFK/FU
2007-10-19
6
(3)
Acknowledge polling
Acknowledge polling is a feature for determining whether rewrite operation is in progress. During
rewrite operation, generate a start condition followed by a device address, and
W
R/
(
= 0 or 1). The
acknowledge feature does not generate an acknowledge signal while rewrite operation is in progress.
A low acknowledge signal is generated if rewriting has already completed.
If the next instruction is a write, supply a word address and write data subsequently. If the next
instruction is a read, supply a stop condition and then start read operation.
(4)
Write protection
When “high” is received to the write protection (WP) pin, the TC9WMB1A to protect the entire
memory area from being written and the TC9WMB2A to protect the bottom half (80h to FFh) of the
memory area from being written. Rewriting is allowed when “low” is received to the write protection
pin. While a write is in progress, driving the WP pin high does not stop write operation.
Reading is always enabled regardless of whether the WP pin is “high” or “low”
6. Read Operation
Read operation is performed in one of three modes: current address read, random read, and sequential
read.
For reading, a device receives a device address and
W
R/
(
= 1) after a start condition. After read data is
sent, terminate a read operation by generating a high acknowledge signal (or releasing the bus without
supplying an acknowledge signal) and then supplying a stop condition.
(1)
Current address read
The internal address counter maintains the address that is next to the last accessed (read or
written) word address (n). In current address read mode, data is read from address n
+ 1, as indicated
by the address counter.
In current address read mode, supplying a device address and
W
R/
(
= 1) after a start condition,
causes the device to generate a low acknowledge signal and send a data at the address indicated by
the internal address counter.
The address counter is incremented on the falling edge of the SCL pulse where a data at the eighth
bit is sent. If the previous operation was reading data from the last address, the current address is
rolled over to address 0. If the previous operation was writing data to the last address of the page, the
address is rolled over to the first address of the page.
The current address is maintained in an internal register so that it is lost when the power is turned
off. For the first read after power-up, specify an address by performing a random read.
Figure 7
SDA LINE
1 0 1 0
1
D
6
D
4
D
5
D
3
D
1
D
2
D
0
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
R
E
A
D
L
S
B
A
C
K
R
/
W
D
7
READ
DATA
S
T
O
P
N
O
A
C
K
Address
increment
A
1
A
2
A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com