Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9WMB2AFK Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC9WMB2AFK
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB2AFK Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC9WMB2AFK Datasheet HTML 5Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 9Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 10Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 11Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 12Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TC9WMB1AFK/FU,TC9WMB2AFK/FU
2007-10-19
9
(b) If a start condition is issued while the device is receiving a write instruction (device address,
R/W, address, and data), this write instruction is discarded and the next instruction is accepted.
(A byte write is given below as an example. This is the same as a page write.)
(c) If a stop condition is issued while the device is receiving a write instruction (device address,
R/W, address, and data), the device enters the standby state. However, the device ignores the
stop condition while sending an acknowledge signal after it receives the D0 bit. (A write
operation starts.)
(A byte write is given below as an example. This is the same as a page write.)
(d) No instruction is accepted while a write operation is in progress (after a stop condition for a
write instruction is received).
(The device does not receive a start or stop condition during this time.)
(5)
Read operation
(a) The address counter is incremented when a read instruction is received successfully. It is
incremented on the falling edge of the SCL pulse where the least significant bit of data is
driven.
(b) If a start condition is issued while the device is receiving a read instruction (device address,
R/W, address, or data), this read instruction is discarded and the next instruction is accepted. (A
start condition is accepted even during data transfer.)
(A current address read is given below as an example. This is the same as the other read
modes.
)
Incremented.
Start
Device address
R/W
ACK
Address
ACK
Data
ACK
Stop
Write instruction
Address counter is not incremented during this period.
Incremented.
Start
Device address
R/W
ACK
Address
ACK
Data
ACK
Stop
Write instruction
Address counter is not incremented during this period.
A write operation starts.
Incremented.
Start
Device address
R/W
ACK
Data
NACK Stop
Read instruction
Address counter is not incremented during this period.
Increment
D1
D0
Figure 12 Increment Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com