Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9WMB2AFK Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TC9WMB2AFK
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB2AFK Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TC9WMB2AFK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 9Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 10Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 11Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 12Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 13Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 14Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TC9WMB1AFK/FU,TC9WMB2AFK/FU
2007-10-19
11
Absolute Maximum Ratings (Note) (GND = 0 V)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.3 to 7.0
V
Input voltage
VIN
−0.3 to VCC + 0.3
V
Output voltage
VOUT
−0.3 to VCC + 0.3
V
300 (25°C,SM8)
Power dissipation
PD
200 (25°C,US8)
mW
Storage temperature
Tstg
−55 to 125
°C
Operating temperature
Topr
−40 to 85
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note) (GND = 0 V, Topr = −40 to 85°C)
Characteristics
Symbol
Test Condition
Min
Max
Unit
Supply voltage (for reading)
VCC
⎯
1.8
3.6
V
Supply voltage (for writing)
VCC
⎯
2.3
3.6
V
2.3 V
≤ VCC ≤ 3.6 V
0.7
×
VCC
VCC
High-level input voltage
VIH
1.8 V
≤ VCC < 2.3 V
0.8
×
VCC
VCC
V
2.3 V
≤ VCC ≤ 3.6 V
0
0.3
×
VCC
Low-level input voltage
VIL
1.8 V
≤ VCC < 2.3 V
0
0.2
×
VCC
V
2.3 V
≤ VCC ≤ 3.6 V
0
400
Operating frequency
fSCL
1.8 V
≤ VCC < 2.3 V
0
100
kHz
Note: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com