Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9WMB2AFK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC9WMB2AFK
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB2AFK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC9WMB2AFK Datasheet HTML 1Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 2Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 3Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 4Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 5Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TC9WMB1AFK/FU,TC9WMB2AFK/FU
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMB1AFK,TC9WMB1AFU,TC9WMB2AFK,TC9WMB2AFU
TC9WMB1AFK/FU: 1024 Bit (128
× 8 Bit) 2 Wire Serial EEPROM
TC9WMB2AFK/FU: 2048 Bit (256
× 8 Bit) 2 Wire Serial EEPROM
The TC9WMB1A and TC9WMB2A are electrically
erasable/programmable nonvolatile memory (EEPROM).
Features
• 2-wire serial interface (I2C BUS)
• Single power supply
Read: VCC = 1.8 to 3.6 V
Write: VCC = 2.3 to 3.6 V
• Low power consumption: 5 μA (in standby state)
0.5 mA (in read state)
• Operating frequency: 400 kHz (VCC = 2.3 to 3.6 V)
• Byte write and page (8-byte) write
• Write protection
• Sequential read
• Write time: 10 ms (VCC = 3.0 to 3.6 V)
12 ms (VCC = 2.3 to 2.7 V)
• Rewrite endurance: 105 times
• Data retention: 10 years
• Wide operating temperature range: −40 to 85°C
• Package: US8, SM8
Product Marking
Pin Assignment (top view)
TC9WMB1AFK,TC9WMB2AFK
TC9WMB1AFU,TC9WMB2AFU
Weight:
SSOP8-P-0.50A: 0.01 g (typ.)
SSOP8-P-0.65: 0.02 g (typ.)
8
SCL SDA
76
5
12
3
4
GND
A1
VCC WP
A0
A2
Part number
B
US8
9WM
Pin 1 index
1A, 2A
SM8
WMB
1A, 2A
LotNo.
Part number
Pin 1 index
US8
SM8


Similar Part No. - TC9WMB2AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB2FK TOSHIBA-TC9WMB2FK Datasheet
158Kb / 15P
1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
More results

Similar Description - TC9WMB2AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
7UL1T126FS TOSHIBA-7UL1T126FS Datasheet
202Kb / 12P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com