Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9WMB2AFK Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC9WMB2AFK
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB2AFK Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC9WMB2AFK Datasheet HTML 9Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 10Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 11Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 12Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 13Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 14Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 15Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 16Page - Toshiba Semiconductor TC9WMB2AFK Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TC9WMB1AFK/FU,TC9WMB2AFK/FU
2007-10-19
13
EEPROM Characteristics (GND = 0 V, 2.3 V ≤ VCC ≤ 2.7 V, Topr = −40 to 85°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Write time
tWR
⎯
⎯
⎯
12
ms
Rewrite endurance
NEW
⎯
1
× 105
⎯
⎯
Times
Data retention time
tRET
⎯
10
⎯
⎯
Years
EEPROM Characteristics (GND = 0 V, 2.7 V < VCC ≤ 3.6 V, Topr = −40 to 85°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Write time
tWR
⎯
⎯
⎯
10
ms
Rewrite endurance
NEW
⎯
1
× 105
⎯
⎯
Times
Data retention time
tRET
⎯
10
⎯
⎯
Years
Capacitance Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
⎯
3.3
4
pF
Output capacitance
CO
⎯
3.3
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com