Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7622 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV7622
Description  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV7622 Datasheet HTML 3Page - STMicroelectronics STV7622 Datasheet HTML 4Page - STMicroelectronics STV7622 Datasheet HTML 5Page - STMicroelectronics STV7622 Datasheet HTML 6Page - STMicroelectronics STV7622 Datasheet HTML 7Page - STMicroelectronics STV7622 Datasheet HTML 8Page - STMicroelectronics STV7622 Datasheet HTML 9Page - STMicroelectronics STV7622 Datasheet HTML 10Page - STMicroelectronics STV7622 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
STV7622
Circuit description
7/32
5
Circuit description
The STV7622 includes all the logic and power circuits necessary to drive the column
electrodes of a Plasma Display Panel (PDP). A low-voltage logic block manages data
information, and a high-voltage block converts the low-voltage information stored in the logic
block into high-voltage signals applied to the display electrodes.
5.1
Data input block
The Data Bus is TTL- and LVCMOS-compatible and can also operate in an RSDS (Reduced
Swing Differential Signaling) mode. The maximum clock frequency is 60 MHz.
The data input block consists of several shift registers operating in parallel to load the binary
values of the digital video. The number of cells in each shift register is defined by the BS pin
as described below in Table 2.
For the 3
× 64 bit configuration, only pins DB1, DB2 and DB3 of the input data bus are used,
while for the 6
× 32 and 2 × 3 × 32 bit configurations all 6 bits of the input data bus input,
pins DB1 to DB6, are used.
The DIR input pin is used to select the shift register loading direction.
Data is shifted for each low-to-high transition of the clock signal (CLK1). The maximum
frequency of the clock is 60MHz, which is equivalent to a 360MHz serial shift register for a
6
× 32-bit arrangement.
When the /STB signal goes from high-to-low, data is transferred from the shift register to the
latch and to the power output stages. All output data is stored and held in the latch stage
when the latch input is pulled back High.
The core of the STV7622 is powered by 5V. All logic inputs can be driven either by 5V or
3.3V CMOS logic.
The tables in the following sections describe the position of the first data sampled by the first
rising edge of the CLK1 clock.
Table 2.
BS1/BS2 truth table
BS1
BS2
Shift register configuration
L
L
6
× 32 bits
H
L
3
× 64 bits
L
H
RSDS mode
H
H
2
× 3 × 32 bits (96 + 96)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com