Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7622 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV7622
Description  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622 Datasheet(HTML) 1 Page - STMicroelectronics

  STV7622 Datasheet HTML 1Page - STMicroelectronics STV7622 Datasheet HTML 2Page - STMicroelectronics STV7622 Datasheet HTML 3Page - STMicroelectronics STV7622 Datasheet HTML 4Page - STMicroelectronics STV7622 Datasheet HTML 5Page - STMicroelectronics STV7622 Datasheet HTML 6Page - STMicroelectronics STV7622 Datasheet HTML 7Page - STMicroelectronics STV7622 Datasheet HTML 8Page - STMicroelectronics STV7622 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
May 2007
Rev 1
1/32
32
STV7622
192 output plasma display panel data driver
Features
s
192 high-voltage outputs
s
Output pad placements: I-shape
s
90V absolute maximum supply
s
EMI control features:
– SmartSlope
– ConstantSlope
– Spread Spectrum Jitter (SSJ)
s
Configurable data bus:
– 3, 6 or 2
× 3 bits
– TTL and LVCMOS compatible
– RSDS mode
– Single- or dual-edge clocking mode
– 60 MHz clock frequency
s
3.3 /5V CMOS logic compatible
s
- 60/+24 mA source/sink output current
capability
s
BCD Process
s
Packaging according to customer request:
wafer, die, bumped die/wafer, TCP or COF
Description
The STV7622 is a data driver for Plasma Display
Panels (PDP) designed in the ST’s proprietary
BCD high-voltage technology.
It controls up to 192 outputs via an input data bus
(3, 6 or 2
× 3-bits wide) operating at up to 60MHz.
This large number of outputs reduces the number
of connections between the controller board and
the data driver ICs.
The STV7622 contains a new logic input stage
that minimizes EMI resulting from the
transmission of high speed TTL or LVCMOS data
and clock signals. This new input stage is RSDS
compliant. It enables increasing the operating
frequency without compromising noise immunity.
The input data bus is configured by dedicated
input pins:
q
BS1 and BS2: bus width select (3, 6,
2
× 3 bits or RSDS mode)
q
DIR input: shift register loading direction
The STV7622 output stage integrates several ST
patented functions aimed at reducing EMI without
compromising addressing speed or performance
of the PDP modules.
These functions mainly consist of:
q
SmartSlope: controls the output falling edge
speed /shape
q
ConstantSlope: controls the output rising
edge speed
q
Spread Spectrum Jitter (SSJ): controls the
spread of the output rising edge
The STV7622 is powered by a separate 70V
supply for the high-voltage outputs and a 5V
supply for the logic. All command input levels are
5V CMOS as well as 3.3V compatible.
Figure 1.
Block diagram
DB1
DB2
DB3
DB4
DB5
DB6
BS1 BS2
DIR
CLK1
CLK2
VDD
/STB1
/BLK
POC
OUT1
OUT2
OUT3 …..
…. OUT192
VSSSUB
VCC
Data decoding
VSSLOG
TEST1
TEST2
VREF
10nF
RS1
RS2
FS1
FS2
Output control / EMI control
VPP
VSSP
Output buffer stage
/STB2
Latch
Q1 Q2 Q3 Q4
Q192
32-bit Shift register
32-bit Shift register
32-bit Shift register
32-bit Shift register
32-bit Shift register
32-bit Shift register
www.st.com


Similar Part No. - STV7622

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7620F STMICROELECTRONICS-STV7620F Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
26-Feb-2004
STV7620M STMICROELECTRONICS-STV7620M Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7620S STMICROELECTRONICS-STV7620S Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
More results

Similar Description - STV7622

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7617 STMICROELECTRONICS-STV7617 Datasheet
124Kb / 17P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7697A STMICROELECTRONICS-STV7697A Datasheet
110Kb / 15P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7699 STMICROELECTRONICS-STV7699 Datasheet
108Kb / 9P
PLASMA DISPLAY PANEL DATA DRIVER
Jan-1999
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
26-Feb-2004
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7618 STMICROELECTRONICS-STV7618 Datasheet
125Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
Apr-2002
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
logo
STMicroelectronics
STV7697 STMICROELECTRONICS-STV7697 Datasheet
164Kb / 8P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com