Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7622 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV7622
Description  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV7622 Datasheet HTML 14Page - STMicroelectronics STV7622 Datasheet HTML 15Page - STMicroelectronics STV7622 Datasheet HTML 16Page - STMicroelectronics STV7622 Datasheet HTML 17Page - STMicroelectronics STV7622 Datasheet HTML 18Page - STMicroelectronics STV7622 Datasheet HTML 19Page - STMicroelectronics STV7622 Datasheet HTML 20Page - STMicroelectronics STV7622 Datasheet HTML 21Page - STMicroelectronics STV7622 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Electrical characteristics
STV7622
18/32
Figure 9.
Output test configuration
RSDS Mode, inputs: CLK1, CLK2, /STB1, /STB2 and DB1 to DB6
 V
id
Magnitude of differential input voltage
100
400
600
mV
Vic
Common mode input range
0.5
 V
id
1.2
2.4 −
0.5
 V
id
V
Cin
Input capacitance (3)
-
-
15
pF
1.
For 5 V CMOS input logic levels (0 or 5 V)
2.
All input data is switched at 10 MHz rate.
3.
Same for TTL and RSDS modes. This parameter is measured during qualification by ST Microelectronics which includes
temperature characterization on standard as well as corner batches of the process. This parameter is not tested in
production.
Table 10.
Electrical characteristics (continued)
Symbol
Parameter
Min.
Typ.
Max.
Units
VPP
VSSP/VSSSUB
OUTn
Idouth (*)
+
ON
OFF
Vdouth
VPP
VSSP/VSSSUB
OUTn
Idoutl (**)
-
OFF
ON
Vdoutl
(*) Output sinking current is
considered as positive.
(**) Output sourcing current is
considered as negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com