Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7622 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV7622
Description  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622 Datasheet(HTML) 4 Page - STMicroelectronics

  STV7622 Datasheet HTML 1Page - STMicroelectronics STV7622 Datasheet HTML 2Page - STMicroelectronics STV7622 Datasheet HTML 3Page - STMicroelectronics STV7622 Datasheet HTML 4Page - STMicroelectronics STV7622 Datasheet HTML 5Page - STMicroelectronics STV7622 Datasheet HTML 6Page - STMicroelectronics STV7622 Datasheet HTML 7Page - STMicroelectronics STV7622 Datasheet HTML 8Page - STMicroelectronics STV7622 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Pin description
STV7622
4/32
2
Pin description
Note:
Inputs /BLK, /STB1 and /STB2 are active Low.
Table 1.
Pin description
Pin name
Function
Description
VPP
Supply
DC high-voltage supply of power outputs
VCC
Supply
Analog 5V supply
VDD
Supply
Digital 5V supply
VSSP
Ground
Ground for power outputs
VSSSUB
Ground
Substrate ground
VSSLOG
Ground
Ground for 5V logic
OUT1 to OUT192
Outputs
Power outputs
DB1to DB6
Inputs
Shift register inputs
/BLK
Input
Blanking input
POC
Input
Power output control input
DIR
Input
Selection of shift register direction
BS1 and BS2
Inputs
Shift register configuration pins (3/6/2
× 3-bits and RSDS selection)
CLK1 and CLK2
Inputs
Clock for data shift register
/STB1 and /STB2
Inputs
Latch of data to power outputs
RS1 and RS2
Inputs
Output rise time selection pins
FS1 and FS2
Inputs
Output “slow-slope” fall time selection pins
TEST1
Test pin
Must be grounded
TEST2
Test pin
Must be grounded
VREF
Input
Filter for internal reference - must be connected to ground via a 10nF
capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com