Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7622 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV7622
Description  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV7622 Datasheet HTML 12Page - STMicroelectronics STV7622 Datasheet HTML 13Page - STMicroelectronics STV7622 Datasheet HTML 14Page - STMicroelectronics STV7622 Datasheet HTML 15Page - STMicroelectronics STV7622 Datasheet HTML 16Page - STMicroelectronics STV7622 Datasheet HTML 17Page - STMicroelectronics STV7622 Datasheet HTML 18Page - STMicroelectronics STV7622 Datasheet HTML 19Page - STMicroelectronics STV7622 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Absolute maximum ratings
STV7622
16/32
7
Absolute maximum ratings
Table 9.
Absolute maximum ratings
Symbol
Parameter
Value
Units
Vdd
Digital supply range
-0.3, +7
V
Vcc
Analog supply range
-0.3, +7
V
Vpp
Driver supply range
-0.3, +90
V
Vin
Logic input voltage range
-0.3, Vcc+0.3
V
Ipout
Driver output current x(1), (2), (3)
- 70/+35
mA
Idout
Diode output current(1), (2), (3)
-200/+300
mA
Vout
Output power voltage range
-0.3, +90
V
VESD
ESD susceptibility, Human Body Model (100pF
discharged through 1.5Kohms), on all except the VCC
pins(4)
2
KV
Tjmax
Maximum junction temperature
100
°C
Tstg
Storage temperature range
-50, +150
°C
1.
Measurements done on one single output, x. The other outputs are either not used or are connected to output x. Assumes
junction temperature remains less than Tjmax during measurement.
2.
All transient current measurements are made under conditions close to those encountered in a typical application (that is,
with duration of any output current spike always less than 300 ns).
3.
These parameters are measured during STMicroelectronics’ internal qualification which includes temperature
characterization on standard as well as corner batches of the process. These parameters are not tested in production.
4.
VCC pins withstand 1.3 KV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com