Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7622 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV7622
Description  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV7622 Datasheet HTML 4Page - STMicroelectronics STV7622 Datasheet HTML 5Page - STMicroelectronics STV7622 Datasheet HTML 6Page - STMicroelectronics STV7622 Datasheet HTML 7Page - STMicroelectronics STV7622 Datasheet HTML 8Page - STMicroelectronics STV7622 Datasheet HTML 9Page - STMicroelectronics STV7622 Datasheet HTML 10Page - STMicroelectronics STV7622 Datasheet HTML 11Page - STMicroelectronics STV7622 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Circuit description
STV7622
8/32
5.2
3 x 64-bit data bus, standard transmission (BS1 = H, BS2 = L)
The data bus is in 3-bit mode (DB1 to DB3 active) for BS1 = H and BS2 = L.
Data on DB1 is sampled by the first clock pulse and shifted from position 1 to position 190
after 64 clock pulses. The data is then applied to output 190, on the high-to-low transition of
/STB.
5.3
6 x 32-bit data bus, standard transmission (BS1 = L, BS2 = L)
The data bus is in 6-bit mode (DB1 to DB6 active) for BS1 = L and BS2 = L.
Table 4 below describes how data is shifted in the register.
Table 3.
3 x 64-bit data bus transmission
BS1
BS2
DIR
Input
Clock pulse number
Comment
Position
01
02
03
…
62
63
64
H
L
L
DB1
DB2
DB3
OUT
OUT
OUT
01
02
03
04
05
06
07
08
09
184
185
186
187
188
189
190
191
192
Left/Right
shift
H
L
H
DB1
DB2
DB3
OUT
OUT
OUT
190
191
192
187
188
189
184
185
186
07
08
09
04
05
06
01
02
03
Right/Left
shift
Table 4.
6 x 32-bit data bus transmission
BS1
BS2
DIR
Input
Position
01
02
03
…
30
31
32
Comment
Clock pulse number
L
L
L
DB1
DB2
DB3
DB4
DB5
DB6
OUT
OUT
OUT
OUT
OUT
OUT
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
175
176
177
178
179
180
181
182
183
184
185
186
187
188
189
190
191
192
Left/Right
shift
L
L
H
DB1
DB2
DB3
DB4
DB5
DB6
OUT
OUT
OUT
OUT
OUT
OUT
187
188
189
190
191
192
181
182
183
184
185
186
175
176
177
178
179
180
13
14
15
16
17
18
07
08
09
10
11
12
01
02
03
04
05
06
Right/Left
shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com