Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC08F03 Datasheet(PDF) 8 Page - Astec America, Inc

Part # APC08F03
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F03 Datasheet(HTML) 8 Page - Astec America, Inc

Back Button APC08F03 Datasheet HTML 4Page - Astec America, Inc APC08F03 Datasheet HTML 5Page - Astec America, Inc APC08F03 Datasheet HTML 6Page - Astec America, Inc APC08F03 Datasheet HTML 7Page - Astec America, Inc APC08F03 Datasheet HTML 8Page - Astec America, Inc APC08F03 Datasheet HTML 9Page - Astec America, Inc APC08F03 Datasheet HTML 10Page - Astec America, Inc APC08F03 Datasheet HTML 11Page - Astec America, Inc APC08F03 Datasheet HTML 12Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 8 OF 23
OCTOBER 4, 2004 - REVISION 03
Typical Application Circuit (Standard Pinout)
Recommended C1 is a low ESR (<100 mohms) 100 µF tantalum and C2 is a 1 µF ceramic or equivalent. Recommended
output decoupling capacitor C3 for –W models is 22 µF low ESR ceramic capacitor (at a min). For all other models, C3 can go
as low as 1 µF ceramic capacitor.
Figure 2. Typical Application Circuit.
Enable Pin (Standard configuration)
Pin P5 is functioned to enable the output voltage of a
module. If this pin is left open or connected to > 4.1Vdc
up to 14Vdc, the module is turned on. On the other hand,
if this pin is connected to ground or to a voltage potential
from 0 to 0.8Vdc, the module is turned off. The enable pin
can source current up to 60
µA max - suited for typical
open-collector transistors readily available in the market.
For TTL compatibility, Figure 3 shows a 7405 open
collector inverter IC utilized to function the Enable
feature. Other common chips that can do the function are
74S05; 74HCT05; non-inverting - 7407; 74S07; 74HC07.
If SMT packaging is preferred, Fairchild's Tiny Logic
NC7SZ05 or TI's Little Logic SN7SLVC1G06 comes in SOT23
or SC70 packages.
Special Feature Pins (Options):
Trim Function (-9):
Pin P4 is used for output voltage adjustment. The output voltage can be trimmed through an external resistor or through an
external DC supply as described in the succeeding sections.
Method 1: External Trim Resistor.
By connecting an external resistor across P4 and P3 (Gnd), the voltage appearing on pin P2 (Vo) is adjusted to a higher value.
The output voltage of a module can be adjusted up to a maximum value of 3.3V (nominal) or 83% of the input voltage,
Figure 3. Output Voltage Enable function diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com